Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX4917AEUK+T Datasheet(PDF) 6 Page - Maxim Integrated Products

Part # MAX4917AEUK+T
Description  100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX4917AEUK+T Datasheet(HTML) 6 Page - Maxim Integrated Products

Back Button MAX4917AEUK+T Datasheet HTML 2Page - Maxim Integrated Products MAX4917AEUK+T Datasheet HTML 3Page - Maxim Integrated Products MAX4917AEUK+T Datasheet HTML 4Page - Maxim Integrated Products MAX4917AEUK+T Datasheet HTML 5Page - Maxim Integrated Products MAX4917AEUK+T Datasheet HTML 6Page - Maxim Integrated Products MAX4917AEUK+T Datasheet HTML 7Page - Maxim Integrated Products MAX4917AEUK+T Datasheet HTML 8Page - Maxim Integrated Products MAX4917AEUK+T Datasheet HTML 9Page - Maxim Integrated Products MAX4917AEUK+T Datasheet HTML 10Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Detailed Description
The MAX4914B/MAX4915A/B/MAX4917A/B are for-
ward/reverse current-limited switches that operate from
a +2.3V to +5.5V input voltage range and guarantee a
100mA, 200mA, and 300mA minimum current-limit
threshold for different options. The voltage drop across
an internal sense resistor is compared to two reference
voltages to indicate a forward or reverse current-limit
fault. When the load current exceeds the preset current
limit for greater than the fault-blanking time, the switch
opens and
FLAG asserts.
The MAX4915A/MAX4917A have an autoretry function
that turns on the switch again after an internal retry time
expires. If the faulty load condition is still present after
the blanking time, the switch turns off again and the
cycle is repeated. If the faulty load condition is not pre-
sent, the switch remains on. During this retry time,
FLAG remains low until the fault is removed.
The MAX4914B/MAX4915B/MAX4917B do not have the
autoretry option, and the switch remains in latchoff
mode until the ON pin or the input power is cycled from
high to low and then high again.
The undervoltage-lockout (UVLO) circuit prevents erro-
neous switch operation when the input voltage goes
too low.
Reverse Current Protection
All devices limit the reverse current (VOUT to VIN) from
exceeding the maximum IREV value. The switch is shut off
and
FLAG is asserted if the reverse current-limit condition
persists for more than the blanking time. This feature pre-
vents excessive reverse currents from flowing through the
device to the source. When the device is in shutdown
(VON < VIL), the current from OUT to IN does not exceed
1µA (max).
Switch-On/Off Control
Toggle ON high to enable the current-limited switches.
The switches are continuously on only if VIN exceeds the
UVLO threshold (typically 2V) and there is no fault. When
a forward/reverse current fault is present or the die
exceeds the thermal-shutdown temperature of +150°C,
OUT is internally disconnected from IN and the supply
current decreases to 8µA (latchoff). The switch is now
operating in one of its off states. The switch-off state also
occurs when driving ON low, thus reducing the supply
current (shutdown) to 0.01µA (typ). Table 1 illustrates the
ON/OFF state.
FLAG Indicator
All devices feature a latched fault output,
FLAG.
Whenever a fault is activated, it latches the
FLAG out-
put low and also turns the switch off.
FLAG is an open-
100mA/200mA/300mA Current-Limit Switches
with Low Shutdown Reverse Current
6
_______________________________________________________________________________________
N
BLANKING TIME
CIRCUITRY
REVERSE CURRENT
DETECTOR
FORWARD CURRENT
DETECTOR
N
+2.0V
FLAG
OUT
IN
ON
GND
LOGIC
AUTO-
RETRY
MAX4914B
MAX4915A/B
MAX4917A/B
UNDERVOLTAGE
LOCKOUT
Figure 1. Functional Diagram


Similar Part No. - MAX4917AEUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4917AEUK+T MAXIM-MAX4917AEUK+T Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
More results

Similar Description - MAX4917AEUK+T

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX4914B MAXIM-MAX4914B_V01 Datasheet
1Mb / 12P
   100mA/200mA/300mA Current-Limit Switches with Low Shutdown Reverse Current
2016
MAX4789 MAXIM-MAX4789_V01 Datasheet
1Mb / 12P
   200mA/250mA/300mA Current-Limit Switches
2019
MAX4789 MAXIM-MAX4789_08 Datasheet
168Kb / 11P
   200mA/250mA/300mA Current-Limit Switches
Rev 3; 10/08
MAX4789 MAXIM-MAX4789 Datasheet
325Kb / 12P
   200mA/250mA/300mA Current-Limit Switches
Rev 2; 2/05
logo
Fitipower Integrated Te...
FP6866 FITIPOWER-FP6866 Datasheet
376Kb / 9P
   200mA Current-Limit Switches
logo
Maxim Integrated Produc...
MAX4785 MAXIM-MAX4785_V01 Datasheet
659Kb / 10P
   50mA/100mA Current-Limit Switches
2005
MAX4785 MAXIM-MAX4785 Datasheet
266Kb / 10P
   50mA/100mA Current-Limit Switches
Rev 1; 4/03
MAX4772 MAXIM-MAX4772 Datasheet
302Kb / 10P
   200mA/500mA Selectable Current-Limit Switches
19-2926; Rev 0; 7/03
logo
Global Mixed-mode Techn...
G558 GMT-G558 Datasheet
98Kb / 1P
   Current-Limit Switches
G551 GMT-G551 Datasheet
559Kb / 1P
   Current-Limit Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com