Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA05 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # MMBTA05
Description  NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMBTA05 Datasheet(HTML) 2 Page - Diodes Incorporated

  MMBTA05 Datasheet HTML 1Page - Diodes Incorporated MMBTA05 Datasheet HTML 2Page - Diodes Incorporated MMBTA05 Datasheet HTML 3Page - Diodes Incorporated MMBTA05 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
MMBTA05 / MMBTA06
Document number: DS30037 Rev. 12 - 2
2 of 4
www.diodes.com
April 2009
© Diodes Incorporated
MMBTA05 / MMBTA06
0
50
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Dissipation vs. Ambient Temperature (Note 1)
A
150
200
250
300
350
400
0
R
= 417 C/W
θJA
°
1
10
1,000
10,000
100
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current
C
T = -50°C
A
T = 25°C
A
T = 150°C
A
V
= 5V
CE
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 3 Collector-Emitter Saturation Voltage
vs. Collector Current
C
T = 25°C
A
T = -50°C
A
T = 150°C
A
0.05
0
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
I
I
C
B
= 10
0.1
0.2
0.1
110
100
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
V
= 5V
CE
I , COLLECTOR CURRENT (mA)
Fig. 4 Typical Base-Emitter Turn-On Voltage
vs. Collector Current
C
T = -50°C
A
T = 25°C
A
T = 150°C
A
1
10
1,000
100
1
10
I , COLLECTOR CURRENT (mA)
Fig. 5 Typical Gain Bandwidth Product vs. Collector Current
C
V
= 5V
CE
T , AMBIENT TEMPERATURE (
)
A
ºC
Fig. 6 Typical Collector-Cutoff Current
vs. Ambient Temperature
10
0.01
0.1
1
25
50
75
100
125
V
= 80V
CB


Similar Part No. - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
MMBTA05 UMW-MMBTA05 Datasheet
832Kb / 3P
   SOT-23 Plastic-Encapsulate Transistors
logo
Transys Electronics
MMBTA05 TRSYS-MMBTA05 Datasheet
139Kb / 1P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Micro Commercial Compon...
MMBTA05 MCC-MMBTA05 Datasheet
503Kb / 4P
   NPN Small Signal General Purpose Amplifier Transistors
logo
Galaxy Semi-Conductor H...
MMBTA05 BILIN-MMBTA05 Datasheet
222Kb / 5P
   NPN General Purpose Transistor
logo
Goodwork Semiconductor ...
MMBTA05 GWSEMI-MMBTA05 Datasheet
436Kb / 3P
   Silicon Epitaxial Transistor
More results

Similar Description - MMBTA05

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMBT3904 DIODES-MMBT3904 Datasheet
55Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30036 Rev. 11 - 2
MMBT4124 DIODES-MMBT4124 Datasheet
42Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30105 Rev. 5 - 2
MMBT5551 DIODES-MMBT5551_1 Datasheet
419Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30061 Rev. 9 - 2
MMST3904 DIODES-MMST3904_1 Datasheet
441Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30082 Rev. 10 - 2
MMSTA42 DIODES-MMSTA42_1 Datasheet
204Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30175 Rev. 9 - 2
logo
Transys Electronics
MMBT3904 TRSYS-MMBT3904 Datasheet
200Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMBT5551 TRSYS-MMBT5551 Datasheet
170Kb / 2P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
BC847BLP DIODES-BC847BLP Datasheet
99Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30525 Rev. 7 - 2
MMBT4124 DIODES-MMBT4124_15 Datasheet
79Kb / 3P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST4401 DIODES-MMST4401_15 Datasheet
141Kb / 4P
   NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC817-16 DIODES-BC817-16_09 Datasheet
113Kb / 4P
   NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11107 Rev. 18 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com