Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C20042103 Datasheet(PDF) 3 Page - General Cable Technologies Corporation

Part # C20042103
Description  Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C20042103 Datasheet(HTML) 3 Page - General Cable Technologies Corporation

  C20042103 Datasheet HTML 1Page - General Cable Technologies Corporation C20042103 Datasheet HTML 2Page - General Cable Technologies Corporation C20042103 Datasheet HTML 3Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
AWG Conductor Chart
Conduit Capacity Chart
Cable Design Equations - Coaxial Cable
Engineering Prefixes
Coax Connector Cross Reference
Glossary


Similar Part No. - C20042103

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C20042101 GENERAL-C20042101 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042102 GENERAL-C20042102 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042104 GENERAL-C20042104 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042105 GENERAL-C20042105 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042106 GENERAL-C20042106 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
More results

Similar Description - C20042103

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C20042107 GENERAL-C20042107 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042110 GENERAL-C20042110 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042101 GENERAL-C20042101 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042102 GENERAL-C20042102 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042105 GENERAL-C20042105 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042106 GENERAL-C20042106 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042108 GENERAL-C20042108 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20042104 GENERAL-C20042104 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 22, Conductor/Strands: Solid
C20522101 GENERAL-C20522101 Datasheet
75Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
C20522105 GENERAL-C20522105 Datasheet
74Kb / 3P
   Hook-Up Wire, UL 1007, UL 1569, CSA TR-64, Gauge Size (AWG): 18, Conductor/Strands: Solid
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com