Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C64D Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT24C64D
Description  electrically erasable and programmable read only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C64D Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT24C64D Datasheet HTML 6Page - ATMEL Corporation AT24C64D Datasheet HTML 7Page - ATMEL Corporation AT24C64D Datasheet HTML 8Page - ATMEL Corporation AT24C64D Datasheet HTML 9Page - ATMEL Corporation AT24C64D Datasheet HTML 10Page - ATMEL Corporation AT24C64D Datasheet HTML 11Page - ATMEL Corporation AT24C64D Datasheet HTML 12Page - ATMEL Corporation AT24C64D Datasheet HTML 13Page - ATMEL Corporation AT24C64D Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
10
8717B–SEEPR–6/10
Atmel AT24C32D/64D
7.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write select bit in
the device address word is set to one. There are three read operations: current address read, random address
read and sequential read.
CURRENT ADDRESS READ: The internal data word address counter maintains the last address accessed during
the last read or write operation, incremented by one. This address stays valid between operations as long as the
chip power is maintained. The address “roll over” during read is from the last byte of the last memory page, to the
first byte of the first page. The address “roll over” during write is from the last byte of the current page to the first
byte of the same page.
Once the device address with the read/write select bit set to one is clocked in and acknowledged by the EEPROM,
the current address data word is serially clocked out. The microcontroller does not respond with an input zero but
does generate a following stop condition (see Figure 7-4 on page 11).
RANDOM READ: A random read requires a “dummy” byte write sequence to load in the data word address. Once
the device address word and data word address are clocked in and acknowledged by the EEPROM, the
microcontroller must generate another start condition. The microcontroller now initiates a current address read by
sending a device address with the read/write select bit high. The EEPROM acknowledges the device address and
serially clocks out the data word. The microcontroller does not respond with a zero but does generate a following
stop condition (see Figure 7-5 on page 11).
SEQUENTIAL READ: Sequential reads are initiated by either a current address read or a random address read.
After the microcontroller receives a data word, it responds with an acknowledge. As long as the EEPROM receives
an acknowledge, it will continue to increment the data word address and serially clock out sequential data words.
When the memory address limit is reached, the data word address will “roll over” and the sequential read will
continue. The sequential read operation is terminated when the microcontroller does not respond with a zero but
does generate a following stop condition (see Figure 7-6 on page 11).
Figure 7-1.
Device Address
Figure 7-2.
Byte Write
Notes:
1. * = DON'T CARE bits
2. t = DON'T Care bit for Atmel AT24C32D
MSB
LSB
1
0
1
0
A2 A1
A0 R/W
S
T
A
R
T
W
R
I
T
E
S
T
O
P
DEVICE
ADDRESS
FIRST
WORD ADDRESS
SECOND
WORD ADDRESS
DATA
SDA LINE
M
S
B
L
S
B
A
C
K
R
/
W
M
S
B
A
C
K
A
C
K
A
C
K
L
S
B
t


Similar Part No. - AT24C64D

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C64D-SSHM-T ATMEL-AT24C64D-SSHM-T Datasheet
1Mb / 26P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D-XHM-T ATMEL-AT24C64D-XHM-T Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
AT24C64D ATMEL-AT24C64D_14 Datasheet
1Mb / 24P
   IC-Compatible (2-Wire) Serial EEPROM
More results

Similar Description - AT24C64D

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com