Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT24C32D-SSHM-B Datasheet(PDF) 3 Page - ATMEL Corporation

Part # AT24C32D-SSHM-B
Description  electrically erasable and programmable read only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24C32D-SSHM-B Datasheet(HTML) 3 Page - ATMEL Corporation

  AT24C32D-SSHM-B Datasheet HTML 1Page - ATMEL Corporation AT24C32D-SSHM-B Datasheet HTML 2Page - ATMEL Corporation AT24C32D-SSHM-B Datasheet HTML 3Page - ATMEL Corporation AT24C32D-SSHM-B Datasheet HTML 4Page - ATMEL Corporation AT24C32D-SSHM-B Datasheet HTML 5Page - ATMEL Corporation AT24C32D-SSHM-B Datasheet HTML 6Page - ATMEL Corporation AT24C32D-SSHM-B Datasheet HTML 7Page - ATMEL Corporation AT24C32D-SSHM-B Datasheet HTML 8Page - ATMEL Corporation AT24C32D-SSHM-B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 26 page
background image
3
8717B–SEEPR–6/10
Atmel AT24C32D/64D
2.
Pin Description
SERIAL CLOCK (SCL): The SCL input is used to positive edge clock data into each EEPROM device and
negative edge clock data out of each device.
SERIAL DATA (SDA): The SDA pin is bidirectional for serial data transfer. This pin is open-drain driven and may
be wire-ORed with any number of other open-drain or open collector devices.
DEVICE/ADDRESSES (A2, A1, A0): The A2, A1 and A0 pins are device address inputs that are hard wired or left
not connected for hardware compatibility with other Atmel® AT24CXX devices. When the pins are hardwired, as
many as eight 32K/64K devices may be addressed on a single bus system (device addressing is discussed in
detail under the Device Addressing section). If the pins are left floating, the A2, A1 and A0 pins will be internally
pulled down to GND if the capacitive coupling to the circuit board V
CC plane is <3pF. If coupling is >3pF, Atmel
recommends connecting the address pins to GND.
WRITE PROTECT (WP): The write protect input, when connected to GND, allows normal write operations. When
WP is connected high to V
CC, all write operations to the memory are inhibited. If the pin is left floating, the WP pin
will be internally pulled down to GND if the capacitive coupling to the circuit board V
CC plane is <3pF. If coupling is
>3pF, Atmel recommends connecting the pin to GND.


Similar Part No. - AT24C32D-SSHM-B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24C32D-SSHM-B ATMEL-AT24C32D-SSHM-B Datasheet
1Mb / 27P
   2-Wire Serial Electrically Erasable and Programmable Read-only Memory
More results

Similar Description - AT24C32D-SSHM-B

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
AT25320B ATMEL-AT25320B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
logo
NEC
UPD28C64 NEC-UPD28C64 Datasheet
250Kb / 10P
   65536-Bit Electrically Erasable And Programmable Read-Only Memory
logo
ATMEL Corporation
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
HN58X2532IAG RENESAS-HN58X2532IAG Datasheet
590Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com