Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT3904-7-F Datasheet(PDF) 1 Page - Diodes Incorporated

Part # MMDT3904-7-F
Description  DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT3904-7-F Datasheet(HTML) 1 Page - Diodes Incorporated

  MMDT3904-7-F Datasheet HTML 1Page - Diodes Incorporated MMDT3904-7-F Datasheet HTML 2Page - Diodes Incorporated MMDT3904-7-F Datasheet HTML 3Page - Diodes Incorporated MMDT3904-7-F Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
MMDT3904
DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Ideal for Low Power Amplification and Switching
Ultra-Small Surface Mount Package
Lead Free/RoHS Compliant (Note 2)
"Green" Device (Note 3 and 4)
Mechanical Data
Case: SOT-363
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
Terminal Connections: See Diagram
Marking Information: See Page 4
Ordering Information: See Page 4
Weight: 0.006 grams (approximate)
A
M
J
L
D
B C
H
K
F
C
2
C
2
B
1
B
1
E
1
E
1
E
2
E2
B
2
B2
C
1
C1
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
All Dimens
mm
ions in
Maximum Ratings @TA = 25°C unless otherwise specified
DS30088 Rev. 14 - 2
1 of 4
www.diodes.com
MMDT3904
© Diodes Incorporated
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
60
V
Collector-Emitter Voltage
VCEO
40
V
Emitter-Base Voltage
VEBO
6.0
V
Collector Current - Continuous
IC
200
mA
Power Dissipation
(Note 1)
Pd
200
mW
Thermal Resistance, Junction to Ambient
RθJA
625
°C/W
Operating and Storage Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
1. Device mounted on FR-4 PCB; pad layout as shown on Diodes Inc. suggested pad layout documents APO2001,
which can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
2. No purposefully added lead.
3. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
4. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.


Similar Part No. - MMDT3904-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3904-7-F DIODES-MMDT3904-7-F Datasheet
121Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
MMDT3904-7-F DIODES-MMDT3904-7-F Datasheet
351Kb / 6P
   40V DUAL NPN SMALL SIGNAL TRANSISTOR
More results

Similar Description - MMDT3904-7-F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT2222V DIODES-MMDT2222V Datasheet
69Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30563 Rev. 2 - 0
MMDT3904VC DIODES-MMDT3904VC Datasheet
178Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30636 Rev. 3 - 2
MMDT3904 DIODES-MMDT3904 Datasheet
60Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 7 - 2
MMDT4124 DIODES-MMDT4124 Datasheet
46Kb / 2P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30164 Rev. C-1
MMDT3904 DIODES-MMDT3904_1 Datasheet
121Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30088 Rev. 11 - 2
BC847BS DIODES-BC847BS_1 Datasheet
350Kb / 3P
   DUAL NPN SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30222 Rev. 9 - 2
MMDT4124 DIODES-MMDT4124_15 Datasheet
79Kb / 3P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_15 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT3904VC DIODES-MMDT3904VC_15 Datasheet
450Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC847BVC DIODES-BC847BVC_09 Datasheet
110Kb / 4P
   NPN DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4401 DIODES-MMDT4401_08 Datasheet
178Kb / 4P
   DUAL NPN SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30111 Rev. 13 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com