Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C2V4S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZT52C2V4S
Description  SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C2V4S Datasheet(HTML) 3 Page - Diodes Incorporated

  BZT52C2V4S Datasheet HTML 1Page - Diodes Incorporated BZT52C2V4S Datasheet HTML 2Page - Diodes Incorporated BZT52C2V4S Datasheet HTML 3Page - Diodes Incorporated BZT52C2V4S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZT52C2V0S - BZT52C39S
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
J
Test current I
5mA
Z
C10
C12
C18
C22
C27
C33
C36
C15
C39
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Nominal Zener Voltage
Z
T = 25 °C
J
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R
Ordering Information (Note 6)
Part Number
Case
Packaging
(Type Number)-7-F*
SOD-323
3000/Tape & Reel
*Add “-7-F” to the appropriate type number in Electrical Characteristics Table, example: 6.2V Zener – BZT52C6V2S-7-F.
Notes:
6. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
XX
xx = Product Type Marking Code
(See Electrical Characteristics Table)
Package Outline Dimensions
BZT52C2V0S - BZT52C39S
Document number: DS30093 Rev. 16 - 2
3 of 4
www.diodes.com
June 2008
© Diodes Incorporated
SOD-323
Dim
Min
Max
A
0.25
0.35
B
1.20
1.40
C
2.30
2.70
H
1.60
1.80
J
0.00
0.10
K
1.0
1.1
L
0.20
0.40
M
0.10
0.15
α
All Dimensions in mm
K
L
M
J
C
H
BA


Similar Part No. - BZT52C2V4S

ManufacturerPart #DatasheetDescription
logo
Shenzhen Yixinwei Techn...
BZT52C2V4S YIXIN-BZT52C2V4S Datasheet
260Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
BZT52C2V4S DIODES-BZT52C2V4S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
First Components Intern...
BZT52C2V4S FCI-BZT52C2V4S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
BZT52C2V4S SMC-BZT52C2V4S Datasheet
139Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Microdiode Electronics ...
BZT52C2V4S CHENDA-BZT52C2V4S Datasheet
956Kb / 3P
   SURFACE MOUNT ZENER DIODE
More results

Similar Description - BZT52C2V4S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com