Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZT52C7V5S Datasheet(PDF) 4 Page - Diodes Incorporated

Part # BZT52C7V5S
Description  SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZT52C7V5S Datasheet(HTML) 4 Page - Diodes Incorporated

  BZT52C7V5S Datasheet HTML 1Page - Diodes Incorporated BZT52C7V5S Datasheet HTML 2Page - Diodes Incorporated BZT52C7V5S Datasheet HTML 3Page - Diodes Incorporated BZT52C7V5S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
BZT52C2V0S - BZT52C39S
Suggested Pad Layout
BZT52C2V0S - BZT52C39S
Document number: DS30093 Rev. 16 - 2
4 of 4
www.diodes.com
June 2008
© Diodes Incorporated
IMPORTANT NOTICE
Diodes Incorporated and its subsidiaries reserve the right to make modifications, enhancements, improvements, corrections or other changes
without further notice to any product herein. Diodes Incorporated does not assume any liability arising out of the application or use of any product
described herein; neither does it convey any license under its patent rights, nor the rights of others. The user of products in such applications shall
assume all risks of such use and will agree to hold Diodes Incorporated and all the companies whose products are represented on our website,
harmless against all damages.
LIFE SUPPORT
Diodes Incorporated products are not authorized for use as critical components in life support devices or systems without the expressed written
approval of the President of Diodes Incorporated.
Z
X
C
G
Y
Dimensions
Value (in mm)
Z
3.75
G
1.05
X
0.65
Y
1.35
C
2.40


Similar Part No. - BZT52C7V5S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZT52C7V5S DIODES-BZT52C7V5S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Microdiode Electronics ...
BZT52C7V5S CHENDA-BZT52C7V5S Datasheet
956Kb / 3P
   SURFACE MOUNT ZENER DIODE
logo
First Components Intern...
BZT52C7V5S FCI-BZT52C7V5S Datasheet
98Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
BZT52C7V5S SMC-BZT52C7V5S Datasheet
139Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Micro Commercial Compon...
BZT52C7V5S MCC-BZT52C7V5S Datasheet
411Kb / 4P
   200 mW Zener Diodes 2.4 to 39 Volts
More results

Similar Description - BZT52C7V5S

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BZX84C3V3 RECTRON-BZX84C3V3 Datasheet
20Kb / 2P
   SURFACE MOUNT ZENER DIODE
logo
Comchip Technology
CZRM27C3V6P COMCHIP-CZRM27C3V6P Datasheet
88Kb / 3P
   Surface Mount Zener Diode
CZRA3011 COMCHIP-CZRA3011 Datasheet
118Kb / 5P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C2V0S DIODES-BZT52C2V0S Datasheet
54Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS30093 Rev. 9 - 2
logo
Bruckewell Technology L...
BZT52C2V0S BWTECH-BZT52C2V0S Datasheet
480Kb / 4P
   Surface mount zener diode
logo
Galaxy Semi-Conductor H...
SMBJ5913B BILIN-SMBJ5913B Datasheet
243Kb / 5P
   Surface mount zener diode
logo
Microdiode Electronics ...
BZT52C2V0 CHENDA-BZT52C2V0 Datasheet
1Mb / 4P
   Surface mount zener diode
logo
SeCoS Halbleitertechnol...
MMSZ5221BS SECOS-MMSZ5221BS Datasheet
166Kb / 3P
   Surface Mount Zener Diode
logo
Diodes Incorporated
BZT52C5V1LP DIODES-BZT52C5V1LP Datasheet
274Kb / 4P
   SURFACE MOUNT ZENER DIODE
DS30506 Rev. 11 - 2
logo
Taiwan Semiconductor Co...
MMSZ5221B TSC-MMSZ5221B Datasheet
59Kb / 3P
   Surface Mount Zener Diode
logo
Weitron Technology
MMBZ5221BW WEITRON-MMBZ5221BW Datasheet
369Kb / 3P
   Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com