Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D20XBS6 Datasheet(PDF) 2 Page - Shindengen Electric Mfg.Co.Ltd

Part # D20XBS6
Description  SBD Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D20XBS6 Datasheet(HTML) 2 Page - Shindengen Electric Mfg.Co.Ltd

  D20XBS6_10 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D20XBS6_10 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Thin SIP Bridge
■特性図 CHARACTERISTIC DIAGRAMS
(J534-1)
203
D20XBS6
30V
* Sine wave は 50Hz で測定しています。
* 50Hz sine wave is used for measurements.
*半導体製品の特性は一般的にバラツキを持っております。
 Typical は統計的な実力を表しています。
* Semiconductor products generally have characterristic variation.
Typical is a statistical average of the device's ability.


Similar Part No. - D20XBS6_10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D20XBS6 SHINDENGEN-D20XBS6 Datasheet
135Kb / 2P
   SBD Bridge Diode
More results

Similar Description - D20XBS6_10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D30XBN20 SHINDENGEN-D30XBN20_10 Datasheet
555Kb / 2P
   SBD Bridge
D10SBS4 SHINDENGEN-D10SBS4_10 Datasheet
630Kb / 2P
   SBD Bridge
D4SBS6 SHINDENGEN-D4SBS6_10 Datasheet
636Kb / 2P
   SBD Bridge
D4SBS4 SHINDENGEN-D4SBS4_10 Datasheet
621Kb / 2P
   SBD Bridge
D15XBS6 SHINDENGEN-D15XBS6_10 Datasheet
632Kb / 2P
   SBD Bridge
D20XBS6 SHINDENGEN-D20XBS6 Datasheet
135Kb / 2P
   SBD Bridge Diode
D30XBN20 SHINDENGEN-D30XBN20 Datasheet
135Kb / 2P
   SBD Bridge Diode
D15XBN20 SHINDENGEN-D15XBN20 Datasheet
135Kb / 2P
   SBD Bridge Diode
D4SBN20 SHINDENGEN-D4SBN20 Datasheet
135Kb / 2P
   SBD Bridge Diode
D30XT80 SHINDENGEN-D30XT80 Datasheet
135Kb / 2P
   SBD Bridge Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com