Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D30XBN20 Datasheet(PDF) 1 Page - Shindengen Electric Mfg.Co.Ltd

Part # D30XBN20
Description  SBD Bridge
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHINDENGEN [Shindengen Electric Mfg.Co.Ltd]
Direct Link  http://www.shindengen.co.jp/
Logo SHINDENGEN - Shindengen Electric Mfg.Co.Ltd

D30XBN20 Datasheet(HTML) 1 Page - Shindengen Electric Mfg.Co.Ltd

  D30XBN20_10 Datasheet HTML 1Page - Shindengen Electric Mfg.Co.Ltd D30XBN20_10 Datasheet HTML 2Page - Shindengen Electric Mfg.Co.Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SBD Bridge
シングルインライン型
Single In-line Package
■外観図 OUTLINE
外形図については新電元 Web サイト又は〈半導体製品一覧表〉をご参照下
さい。捺印表示については捺印仕様をご確認下さい。
For details of outline dimensions, refer to our web site or the Semiconductor
Short Form Catalog. As for the marking, refer to the specification “Marking,
Terminal Connection”.
特 長
(J534-1)
204
D30XBN20
200V 30A
• 薄型 SIP パッケージ
• SBD ブリッジ
• 低 VF・低 IR
• Thin-SIP
• SBD Bridge
• Low VF・Low IR
Package
:5S
Unit : mm
Weight : 7.1g(typ.)
∼ ∼
4.6
+
D30XBN 20 0264
管理番号(例)
Control No.
品名
Type No.
30
20
17.5
ロット記号(例)
Date code
V
A
A
kV
N・m
V
μA
pF
℃/W
項  目
Item
記号
Symbol
保存温度
Storage Temperature
接合部温度
Operation Junction Temperature
せん頭逆電圧
Maximum Reverse Voltage
出力電流
Average Rectified Forward Current
せん頭サージ順電流
Peak Surge Forward Current
順電圧
Forward Voltage
逆電流
Reverse Current
接合容量
Junction Capacitance
熱抵抗
Thermal Resistance
Tstg
Tj
VRM
IO
IFSM
Vdis
TOR
VF
IR
Cj
50Hz 正弦波,非繰り返し1サイクルせん頭値,Tj = 25℃
50Hz sine wave, Non-repetitive 1cycle peak value, Tj = 25℃
一括端子・ケース間,AC1分間印加
Terminals to Case, AC 1 minute
(推奨値:0.5 N・m)
(Recommended torque : 0.5 N・m)
50Hz 正弦波,抵抗負荷
50Hz sine wave, Resistance load
フィン付き
With heatsink
Tc = 91℃
Ta = 26℃
フィンなし
Without heatsink
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
接合部・ケース間,フィン付き
Junction to Case, With heatsink
接合部・リード間
Junction to Lead
接合部・ 周囲間
Junction to Ambient
パルス測定,1素子当たりの規格値
Pulse measurement, per diode
IF=15A,
VR=200V,
f =1MHz, VR=10V,
MAX
0.90
MAX
10
TYP
360
MAX
1.0
MAX
5.0
MAX
25
−55∼150
150
200
30
3.1
350
2.5
0.8
絶縁耐圧
Dielectric Strenght
締め付けトルク
Mounting Torque
1素子当たりの規格値
per diode
条 件
Conditions
品 名
Type No.
単位
Unit
D30XBN20
θjc
θjl
θja
■定格表 RATINGS
Feature


Similar Part No. - D30XBN20_10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D30XBN20 SHINDENGEN-D30XBN20_17 Datasheet
574Kb / 4P
   Single In-line Package
More results

Similar Description - D30XBN20_10

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D10SBS4 SHINDENGEN-D10SBS4_10 Datasheet
630Kb / 2P
   SBD Bridge
D4SBS6 SHINDENGEN-D4SBS6_10 Datasheet
636Kb / 2P
   SBD Bridge
D20XBS6 SHINDENGEN-D20XBS6_10 Datasheet
635Kb / 2P
   SBD Bridge
D4SBS4 SHINDENGEN-D4SBS4_10 Datasheet
621Kb / 2P
   SBD Bridge
D15XBS6 SHINDENGEN-D15XBS6_10 Datasheet
632Kb / 2P
   SBD Bridge
D20XBS6 SHINDENGEN-D20XBS6 Datasheet
135Kb / 2P
   SBD Bridge Diode
D30XBN20 SHINDENGEN-D30XBN20 Datasheet
135Kb / 2P
   SBD Bridge Diode
D15XBN20 SHINDENGEN-D15XBN20 Datasheet
135Kb / 2P
   SBD Bridge Diode
D4SBN20 SHINDENGEN-D4SBN20 Datasheet
135Kb / 2P
   SBD Bridge Diode
D30XT80 SHINDENGEN-D30XT80 Datasheet
135Kb / 2P
   SBD Bridge Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com