Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BZX84C10S Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BZX84C10S
Description  DUAL 200mW SURFACE MOUNT ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BZX84C10S Datasheet(HTML) 3 Page - Diodes Incorporated

  BZX84C10S Datasheet HTML 1Page - Diodes Incorporated BZX84C10S Datasheet HTML 2Page - Diodes Incorporated BZX84C10S Datasheet HTML 3Page - Diodes Incorporated BZX84C10S Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
BZX84C2V4S - BZX84C39S
BZX84C2V4S - BZX84C39S
Document number: DS30108 Rev. 17 - 2
3 of 4
www.diodes.com
May 2008
© Diodes Incorporated
0
10
20
30
0
V , ZENER VOLTAGE (V)
Fig. 3 Typical Zener Breakdown Characteristics
Z
10
20
30
40
T = 25°C
J
Test current I
5mA
Z
Test current I
2mA
Z
C10
C12
C18
C22
C27
C33
C36
C15
C39
10
100
1,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 4 Typical Total Capacitance vs. Nominal Zener Voltage
Z
T = 25 °C
J
f = 1MHz
V = 1V
R
V = 2V
R
V = 1V
R
V = 2V
R
Ordering Information (Note 7)
Part Number
Case
Packaging
(Type Number)-7-F*
SOT-363
3000/Tape & Reel
*Add “-7-F” to the appropriate type number in Electrical Characteristics Table from Page 2 example: 6.2V Zener = BZX84C6V2S-7-F.
Notes:
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Kxx YM
Kxx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
Date Code Key
Year
2002
2003
2004
2005
2006
2007
2008
2009
2010
2111
2012
Code
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
A
M
J
L
D
B C
H
K
F
SOT-363
Dim
Min
Max
A
0.10
0.30
B
1.15
1.35
C
2.00
2.20
D
0.65 Nominal
F
0.30
0.40
H
1.80
2.20
J
0.10
K
0.90
1.00
L
0.25
0.40
M
0.10
0.25
α
All Dimensions in mm


Similar Part No. - BZX84C10S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C10S DIODES-BZX84C10S Datasheet
57Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 8 - 2
BZX84C10S DIODES-BZX84C10S Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
BZX84C10S DIODES-BZX84C10S Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
BZX84C10S-7-F DIODES-BZX84C10S-7-F Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
logo
SEMTECH ELECTRONICS LTD...
BZX84C10SEW SEMTECH_ELEC-BZX84C10SEW Datasheet
445Kb / 2P
   BZX84C…SEW Series SILICON PLANAR ZENER DIODES
11/09/2008
More results

Similar Description - BZX84C10S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BZX84C2V4S DIODES-BZX84C2V4S Datasheet
57Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 8 - 2
AZ23C5V6W DIODES-AZ23C5V6W_1 Datasheet
77Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
DS30257 Rev. 7 - 2
BZX84C16S-7 DIODES-BZX84C16S-7 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
AZ23C5V6W DIODES-AZ23C5V6W Datasheet
60Kb / 2P
   200mW DUAL SURFACE MOUNT ZENER DIODE
DS30257 Rev. 2 - 2
AZ23C5V6W DIODES-AZ23C5V6W_15 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_15 Datasheet
161Kb / 4P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
BZX84C2V4S DIODES-BZX84C2V4S_1 Datasheet
376Kb / 3P
   DUAL 200mW SURFACE MOUNT ZENER DIODE
DS30108 Rev. 13 - 2
AZ23C5V6W DIODES-AZ23C5V6W_08 Datasheet
121Kb / 3P
   200mW DUAL SURFACE MOUNT ZENER DIODE
Rev. 9 - 2 May 2008
MMBZ5221BW DIODES-MMBZ5221BW Datasheet
63Kb / 3P
   200mW SURFACE MOUNT ZENER DIODE
DS31037 Rev. 5 - 2
logo
Taiwan Semiconductor Co...
BZT52C2V0K TSC-BZT52C2V0K Datasheet
191Kb / 3P
   200mW,Surface Mount Zener Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com