Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMDT3946 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # MMDT3946
Description  COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

MMDT3946 Datasheet(HTML) 4 Page - Diodes Incorporated

  MMDT3946_2 Datasheet HTML 1Page - Diodes Incorporated MMDT3946_2 Datasheet HTML 2Page - Diodes Incorporated MMDT3946_2 Datasheet HTML 3Page - Diodes Incorporated MMDT3946_2 Datasheet HTML 4Page - Diodes Incorporated MMDT3946_2 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
0.01
0.1
1
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 4, Typical Collector-Emitter
Saturation Voltage vs. Collector Current (NPN-3904)
C
1
10
1,000
100
0.1
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 3, Typical DC Current Gain vs.
Collector Current (NPN-3904)
C
0.1
1
10
0.1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 5, Typical Base-Emitter
Saturation Voltage vs. Collector Current (NPN-3904)
C
1
100
10
0.1
1
10
100
V , COLLECTOR-BASE VOLTAGE (V)
Fig. 6, Input and Output Capacitance vs.
Collector-Base Voltage (PNP-3906)
CB
0.01
0.1
10
1
1
10
100
1,000
I , COLLECTOR CURRENT (mA)
Fig. 8, Typical Collector-Emitter Saturation Voltage
vs. Collector Current (PNP-3906)
C
1
10
1,000
100
0.1
1
10
1,000
100
I , COLLECTOR CURRENT (mA)
Fig. 7, Typical DC Current Gain vs.
Collector Current (PNP-3906)
C
DS30123 Rev. 10 - 2
4 of 5
www.diodes.com
MMDT3946
© Diodes Incorporated


Similar Part No. - MMDT3946_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT3946-7 DIODES-MMDT3946-7 Datasheet
73Kb / 5P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
MMDT3946-7-F DIODES-MMDT3946-7-F Datasheet
318Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 8 - 2
logo
Goodwork Semiconductor ...
MMDT3946DV GWSEMI-MMDT3946DV Datasheet
306Kb / 5P
   DUAL TRANSISTOR(NPNPNP)
MMDT3946DW GWSEMI-MMDT3946DW Datasheet
378Kb / 3P
   Plastic-Encapsulate Transistors
logo
Diodes Incorporated
MMDT3946FL3 DIODES-MMDT3946FL3 Datasheet
776Kb / 9P
   40V COMPLEMENTARY NPN-PNP SMALL SIGNAL TRANSISTOR IN DFN1310-6
More results

Similar Description - MMDT3946_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT5451 DIODES-MMDT5451 Datasheet
45Kb / 2P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30171 Rev. C-1
MMDT4146 DIODES-MMDT4146_1 Datasheet
88Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30162 Rev. 9 - 2
logo
Unisonic Technologies
BD2378 UTC-BD2378 Datasheet
96Kb / 4P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
MMDT4146 DIODES-MMDT4146_15 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT5451 DIODES-MMDT5451_2 Datasheet
204Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2
MMDT4146 DIODES-MMDT4146_09 Datasheet
100Kb / 5P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 11 - 2 January 2009
MMDT3946 DIODES-MMDT3946 Datasheet
73Kb / 5P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30123 Rev. 4 - 2
logo
Transys Electronics
MMDT2227 TRSYS-MMDT2227 Datasheet
323Kb / 3P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4413 TRSYS-MMDT4413 Datasheet
337Kb / 3P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Unisonic Technologies
MMDT3946 UTC-MMDT3946 Datasheet
136Kb / 5P
   COMPLEMENTARY NPN/PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
DMB2227A DIODES-DMB2227A_15 Datasheet
239Kb / 6P
   COMPLEMENTARY NPN / PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com