Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA9241M Datasheet(PDF) 9 Page - Sanyo Semicon Device

Part # LA9241M
Description  Analog Signal Processor ASP for CD players
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9241M Datasheet(HTML) 9 Page - Sanyo Semicon Device

Back Button LA9241M Datasheet HTML 5Page - Sanyo Semicon Device LA9241M Datasheet HTML 6Page - Sanyo Semicon Device LA9241M Datasheet HTML 7Page - Sanyo Semicon Device LA9241M Datasheet HTML 8Page - Sanyo Semicon Device LA9241M Datasheet HTML 9Page - Sanyo Semicon Device LA9241M Datasheet HTML 10Page - Sanyo Semicon Device LA9241M Datasheet HTML 11Page - Sanyo Semicon Device LA9241M Datasheet HTML 12Page - Sanyo Semicon Device LA9241M Datasheet HTML 13Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
8.
TES and HFL (traverse signals)
When moving the pickup from the outer track to the inner track, the EF output from the pickup must be connected so that the
phase relationship of TES and HFL is as shown in the diagram below. For the TESI input, the TES comparator has negative
polarity and hysteresis of approximately ±100 mV. An external bandpass filter is needed in order to extract only the required
signal from the TE signal.
9.
DRF (luminous energy determination)
DRF goes high when the peak of the EFM signal (RFSM output) held by the PH1 (pin 60) capacitor exceeds approximately
2.1 V. The PH1 (pin 60) capacitor affects the DRF detection time constant and the RFAGC response bidirectional setting. The
DRF output is driven by a constant current (250 µA).
Pickup position
Focus
10. Focus determination
Focus is assumed to be obtained when the focus error signal S curve reaching REF + 0.2 V is detected, and the S curve
subsequently returns to REF.
Focus
LA9241M
No.5564 - 9/21


Similar Part No. - LA9241M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9247T SANYO-LA9247T Datasheet
83Kb / 6P
   CD-ROM Digital Servo RF IC
More results

Similar Description - LA9241M

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9230M SANYO-LA9230M Datasheet
227Kb / 20P
   Analog Signal Processor ASP for CD players
LA9233M SANYO-LA9233M Datasheet
397Kb / 20P
   Analog Signal Processor ASP for CD players?
LA9211M SANYO-LA9211M Datasheet
97Kb / 1P
   ASP (Analog Signal Processor) for CD Players
LA9240M SANYO-LA9240M Datasheet
321Kb / 20P
   Analog Signal Processor (ASP) for CD players
LA9242M SANYO-LA9242M Datasheet
150Kb / 20P
   Analog Signal Processor ASP for CD Players
LA9220M SANYO-LA9220M Datasheet
413Kb / 21P
   Analog Signal Processing Circuit (ASP) for CD players
LA9210M SANYO-LA9210M Datasheet
284Kb / 14P
   Analog Signal Processor for CD Players
LA9251M SANYO-LA9251M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LA9250M SANYO-LA9250M Datasheet
152Kb / 17P
   CD Player Analog Signal Processor (ASP)
LV1605M SANYO-LV1605M Datasheet
246Kb / 24P
   Monolithic Linear IC Analog Signal Processor for CD Players
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com