Electronic Components Datasheet Search |
|
MK10X512VLL120R Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc |
|
MK10X512VLL120R Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc |
11 / 60 page Symbol Description Min. Max. Unit ID Instantaneous maximum current single pin limit (applies to all port pins) –25 25 mA VDDA Analog supply voltage VDD – 0.3 VDD + 0.3 V IDDA Analog supply current1 TBD TBD mA VBAT RTC battery supply voltage –0.3 3.8 V VRAM VDD voltage required to retain RAM 1.2 — V VRFVBAT VBAT voltage required to retain the VBAT register file TBD — V 1. The analog supply current is the sum of the active or disabled current for each of the analog modules on the device. See each module's specification for its supply current. 5 General 5.1 Nonswitching electrical specifications 5.1.1 Voltage and Current Operating Requirements Table 1. Voltage and current operating requirements Symbol Description Min. Max. Unit Notes VDD Supply voltage 1.71 3.6 V VDDA Analog supply voltage 1.71 3.6 V VDD – VDDA VDD-to-VDDA differential voltage –0.1 0.1 V VSS – VSSA VSS-to-VSSA differential voltage –0.1 0.1 V VIH Input high voltage • 2.7 V ≤ VDD ≤ 3.6 V • 1.7 V ≤ VDD ≤ 2.7 V 0.7 × VDD 0.75 × VDD — — V V VIL Input low voltage • 2.7 V ≤ VDD ≤ 3.6 V • 1.7 V ≤ VDD ≤ 2.7 V — — 0.35 × VDD 0.3 × VDD V V VHYS Input hysteresis 0.06 × VDD — V Table continues on the next page... General K10 Sub-Family Data Sheet Data Sheet, Rev. 1, 11/2010. Freescale Semiconductor, Inc. Preliminary 11 |
Similar Part No. - MK10X512VLL120R |
|
Similar Description - MK10X512VLL120R |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |