Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT25640B-CUL-T Datasheet(PDF) 4 Page - ATMEL Corporation

Part # AT25640B-CUL-T
Description  serial electrically-erasable programmable read-only memory
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT25640B-CUL-T Datasheet(HTML) 4 Page - ATMEL Corporation

  AT25640B-CUL-T Datasheet HTML 1Page - ATMEL Corporation AT25640B-CUL-T Datasheet HTML 2Page - ATMEL Corporation AT25640B-CUL-T Datasheet HTML 3Page - ATMEL Corporation AT25640B-CUL-T Datasheet HTML 4Page - ATMEL Corporation AT25640B-CUL-T Datasheet HTML 5Page - ATMEL Corporation AT25640B-CUL-T Datasheet HTML 6Page - ATMEL Corporation AT25640B-CUL-T Datasheet HTML 7Page - ATMEL Corporation AT25640B-CUL-T Datasheet HTML 8Page - ATMEL Corporation AT25640B-CUL-T Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
4
8535F–SEEPR–6/10
Atmel AT25320B/640B
Table 1-3.
AC Characteristics
Applicable over recommended operating range from T
AI = 40°C to +85°C, VCC = As Specified,
CL = 1 TTL Gate and 30pF (unless otherwise noted)
Symbol
Parameter
Voltage
Min
Max
Units
f
SCK
SCK Clock Frequency
4.5–5.5
2.5–5.5
1.8–5.5
0
0
0
20
10
5
MHz
t
RI
Input Rise Time
4.5–5.5
2.5–5.5
1.8–5.5
2
2
2
µs
t
FI
Input Fall Time
4.5–5.5
2.5–5.5
1.8–5.5
2
2
2
µs
t
WH
SCK High Time
4.5–5.5
2.5–5.5
1.8–5.5
20
40
80
ns
t
WL
SCK Low Time
4.5–5.5
2.5–5.5
1.8–5.5
20
40
80
ns
t
CS
CS High Time
4.5–5.5
2.5–5.5
1.8–5.5
25
50
100
ns
t
CSS
CS Setup Time
4.5–5.5
2.5–5.5
1.8–5.5
25
50
100
ns
t
CSH
CS Hold Time
4.5–5.5
2.5–5.5
1.8–5.5
25
50
100
ns
t
SU
Data In Setup Time
4.5–5.5
2.5–5.5
1.8–5.5
5
10
20
ns
t
H
Data In Hold Time
4.5–5.5
2.5–5.5
1.8–5.5
5
10
20
ns
t
HD
HOLD Setup Time
4.5–5.5
2.5–5.5
1.8–5.5
5
10
20
t
CD
HOLD Hold Time
4.5–5.5
2.5–5.5
1.8–5.5
5
10
20
ns
t
V
Output Valid
4.5–5.5
2.5–5.5
1.8–5.5
0
0
0
20
40
80
ns
t
HO
Output Hold Time
4.5–5.5
2.5–5.5
1.8–5.5
0
0
0
ns


Similar Part No. - AT25640B-CUL-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25640B-PUBULK ATMEL-AT25640B-PUBULK Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT25640B-TH-B ATMEL-AT25640B-TH-B Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
AT25640B-TH-T ATMEL-AT25640B-TH-T Datasheet
683Kb / 23P
   SPI Serial EEPROMs 32K (4096 x 8) 64K (8192 x 8)
More results

Similar Description - AT25640B-CUL-T

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B_10 Datasheet
1Mb / 26P
   serial electrically-erasable programmable read-only memory
AT25128B ATMEL-AT25128B Datasheet
1Mb / 24P
   serial electrically-erasable programmable read only memory
AT24C256C ATMEL-AT24C256C_10 Datasheet
207Kb / 22P
   serial electrically erasable and programmable read-only memory
logo
Motorola, Inc
MCM2801 MOTOROLA-MCM2801 Datasheet
273Kb / 5P
   ELECTRICALLY ERASABLE PROGRAMMABLE READ ONLY MEMORY
logo
ATMEL Corporation
AD621ARZ ATMEL-AD621ARZ Datasheet
1Mb / 21P
   Three-wire Serial Electrically Erasable Programmable Read-only Memory
AT25010B ATMEL-AT25010B Datasheet
1Mb / 27P
   f serial electrically erasable able programmable read-only memory
logo
Renesas Technology Corp
HN58X2508I RENESAS-HN58X2508I Datasheet
180Kb / 29P
   Electrically Erasable and Programmable Read Only Memory
logo
ATMEL Corporation
AT24C32D ATMEL-AT24C32D Datasheet
1Mb / 26P
   electrically erasable and programmable read only memory
AT24C16C-SSHM-T ATMEL-AT24C16C-SSHM-T Datasheet
2Mb / 24P
   Two-wire Serial Electrically Erasable and Programmable Read-only Memory
logo
Renesas Technology Corp
R1EX25032ASA00A RENESAS-R1EX25032ASA00A Datasheet
794Kb / 22P
   Serial Peripheral Interface Electrically Erasable and Programmable Read Only Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com