Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LA9702W Datasheet(PDF) 7 Page - Sanyo Semicon Device

Part # LA9702W
Description  DVD Player Front End Processor
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA9702W Datasheet(HTML) 7 Page - Sanyo Semicon Device

Back Button LA9702W Datasheet HTML 2Page - Sanyo Semicon Device LA9702W Datasheet HTML 3Page - Sanyo Semicon Device LA9702W Datasheet HTML 4Page - Sanyo Semicon Device LA9702W Datasheet HTML 5Page - Sanyo Semicon Device LA9702W Datasheet HTML 6Page - Sanyo Semicon Device LA9702W Datasheet HTML 7Page - Sanyo Semicon Device LA9702W Datasheet HTML 8Page - Sanyo Semicon Device LA9702W Datasheet HTML 9Page - Sanyo Semicon Device LA9702W Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
No. 6575-7/10
LA9702W
Pin No.
Pin
Function
54
EQL2
RF equalizer setting
55
VCC
Power supply (DPD system)
56
EQO4
RF equalizer setting
57
XHTR
Tracking and bottom detection band switching (Low: high band)
58
EQI4
RF equalizer setting
59
XQBH
Bottom detection time constant switching (Low: fast)
60
EQ03
RF equalizer setting
61
EQSCT
Equalizer switching (High: pin 77 selected, low: pin 52 selected)
62
EQI3
RF equalizer setting
63
DPD/TE
DPD/three-beam tracking switching (High: DPD)
64
RFO2
RF output
65
RFO1
RF output
66
VCC
Power supply (RF system)
67
EQI1
RF equalizer setting
68
PP/TE
Three-beam/push-pull tracking switching (Low: three-beam)
69
EQO1
RF equalizer setting
70
LDON2
APC 2 laser on/off control (High: on)
71
EQI2
RF equalizer setting
72
LDON1
APC 1 laser on/off control (High: on)
73
EQO2
RF equalizer setting
74
GND
Ground (RF system)
75
EQL1
RF equalizer setting
76
RFSCT
RF input switching (High: RF differential input, PP error)
77
EQO1
RF equalizer setting
78
CAO
Customer amplifier output
79
PREF
Reference voltage output (pickup)
80
CAN
Customer amplifier input
Continued from preceding page.
Note: The equalizer constants support 1
× and 2× speeds.


Similar Part No. - LA9702W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W Datasheet
119Kb / 15P
   LA9703W
LA9703W SANYO-LA9703W Datasheet
390Kb / 16P
   Front End Processor for DVD Player
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
   Front End Processor for DVD Player
More results

Similar Description - LA9702W

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LA9703W SANYO-LA9703W_06 Datasheet
390Kb / 16P
   Front End Processor for DVD Player
logo
Rohm
BD3824FS ROHM-BD3824FS Datasheet
71Kb / 3P
   Sound processor for DVD player
logo
Princeton Technology Co...
PT9202 PTC-PT9202 Datasheet
217Kb / 5P
   DVD Analog Front-End
logo
List of Unclassifed Man...
DV-SL100 ETC-DV-SL100 Datasheet
522Kb / 4P
   Progressive Scan DVD Player
logo
Nippon Precision Circui...
SM8701BM NPC-SM8701BM Datasheet
119Kb / 14P
   DVD Player Clock Generator
logo
List of Unclassifed Man...
MT1389DE ETC1-MT1389DE Datasheet
1Mb / 5P
   MediaTek MT1389DE DVD Player Chip Set MTK / Processor IC TQFP
logo
Analog Devices
AD9860BSTZ AD-AD9860BSTZ Datasheet
386Kb / 32P
   Mixed-Signal Front-End (MxFE) Processor
REV. 0
logo
Samsung semiconductor
S5L1454A SAMSUNG-S5L1454A Datasheet
1Mb / 161P
   DVD PLAYER DIGITAL SERVO & DSP IC
logo
Sanyo Semicon Device
LA73054 SANYO-LA73054 Datasheet
433Kb / 12P
   For DVD Player Video Signal Driver
logo
Rohm
RLD65MPT5 ROHM-RLD65MPT5 Datasheet
72Kb / 4P
   Red Laser for DVD-player, Combination
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com