Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BSS138DW Datasheet(PDF) 3 Page - Diodes Incorporated

Part # BSS138DW
Description  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BSS138DW Datasheet(HTML) 3 Page - Diodes Incorporated

  BSS138DW Datasheet HTML 1Page - Diodes Incorporated BSS138DW Datasheet HTML 2Page - Diodes Incorporated BSS138DW Datasheet HTML 3Page - Diodes Incorporated BSS138DW Datasheet HTML 4Page - Diodes Incorporated BSS138DW Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
BSS138DW
Document number: DS30203 Rev. 12 - 2
3 of 5
www.diodes.com
September 2009
© Diodes Incorporated
BSS138DW
0
1
2
3
4
5
6
0
0.5
I , DRAIN-CURRENT (A)
Fig. 7 Drain-Source On-Resistance vs. Drain-Current
D
150 C
°
-55 C
°
25 C
°
V
= 4.5V
GS
0
0.5
1
1.5
2
2.5
3
3.5
0
0.5
I , DRAIN-CURRENT (A)
Fig. 8 Drain-Source On-Resistance vs. Drain-Current
D
150 C
°
-55 C
°
25 C
°
V
= 10V
GS
0.001
0.01
0.1
1
V
, DIODE FORWARD VOLTAGE (V)
Fig. 9 Body Diode Current vs. Body Diode Voltage
SD
0
0.2
0.4
0.6
0.8
11.2
150 C
°
-55 C
°
25 C
°
1
10
100
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 10 Capacitance vs. Drain-Source Voltage
DS
0
5
10
15
20
25
30
V
= 0V
f = 1MHz
GS
C
rss
Coss
Ciss
Ordering Information (Note 7)
Part Number
Case
Packaging
BSS138DW-7-F
SOT-363
3000/Tape & Reel
Notes:
7. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
1998
1999
2000
2001
2002
2003
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
J
K
L
M
N
P
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
K38 = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: N = 2002)
M = Month (ex: 9 = September)
K38
YM


Similar Part No. - BSS138DW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BSS138DW DIODES-BSS138DW Datasheet
58Kb / 1P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30203 Rev. B-2
BSS138DW DIODES-BSS138DW Datasheet
105Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30203 Rev. 8 - 2
logo
Nanjing International G...
BSS138DW DGNJDZ-BSS138DW Datasheet
2Mb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
BSS138DW DGNJDZ-BSS138DW Datasheet
2Mb / 6P
   Dual N-Channel 60 V (D-S) MOSFET
logo
Goodwork Semiconductor ...
BSS138DW GWSEMI-BSS138DW Datasheet
513Kb / 4P
   Dual N-Channel MOSFET
More results

Similar Description - BSS138DW

ManufacturerPart #DatasheetDescription
logo
Chino-Excel Technology
CEM9926A CET-CEM9926A Datasheet
140Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Diodes Incorporated
DMN2004VK DIODES-DMN2004VK Datasheet
155Kb / 4P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30865 Rev. 2 - 2
DMN5L06DMK DIODES-DMN5L06DMK Datasheet
144Kb / 5P
   DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
DS30927 Rev. 2 - 2
logo
Alpha & Omega Semicondu...
AO4850 AOSMD-AO4850 Datasheet
117Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Chino-Excel Technology
CEM2108 CET-CEM2108 Datasheet
139Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM4228 CET-CEM4228 Datasheet
109Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM8206 CET-CEM8206 Datasheet
61Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
CEM11M2 CET-CEM11M2 Datasheet
1,005Kb / 5P
   Dual N-Channel Enhancement Mode Field Effect Transistor
logo
Alpha & Omega Semicondu...
AO4800A AOSMD-AO4800A Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4818 AOSMD-AO4818 Datasheet
204Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
AO4822 AOSMD-AO4822 Datasheet
110Kb / 4P
   Dual N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com