Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LB11981 Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # LB11981
Description  Three-Phase Sensorless Motor Driver
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LB11981 Datasheet(HTML) 2 Page - Sanyo Semicon Device

  LB11981 Datasheet HTML 1Page - Sanyo Semicon Device LB11981 Datasheet HTML 2Page - Sanyo Semicon Device LB11981 Datasheet HTML 3Page - Sanyo Semicon Device LB11981 Datasheet HTML 4Page - Sanyo Semicon Device LB11981 Datasheet HTML 5Page - Sanyo Semicon Device LB11981 Datasheet HTML 6Page - Sanyo Semicon Device LB11981 Datasheet HTML 7Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
No. 6656-2/7
LB11981
Parameter
Symbol
Conditions
Ratings
Unit
Supply voltage 1
VCC
*8 (5) to 28
V
Supply voltage 2
VCCM
8 to 28
V
Operating Conditions at Ta = 25°C
Note: * This device should normally be used with VCC ≥ 8 V. If used with 5 V ≤ VCC < 8 V, short the VCC and VREG pins together. Note that in this case the
electrical characteristics of the device become more easily influenced by fluctuations in the VCC supply voltage.
Parameter
Symbol
Conditions
Ratings
Unit
min
typ
max
Supply current 1
ICC
8.8
11
13.2
mA
Supply current 2
ICCM
LKC = 5 V
480
600
720
µA
Internal power supply
VREF
4.75
5.0
5.25
V
Internal supply load regulation
∆VREF
ILOAD = –5 mA
30
50
mV
Output saturation voltage 1
VOSAT1
IO = 0.4 A, Source + Sink
1.4
1.7
V
Output saturation voltage 2
VOSAT2
IO = 0.8 A, Source + Sink
2.0
2.4
V
MCOM pin common-mode input voltage range
VIC
0
VCC – 2
V
PCOUT pin output current 1
IPCOU
Source side
–120
–100
–80
µA
PCOUT pin output current 2
IPCOD
Sink side
80
100
120
µA
VCOIN pin input current
IVCOIN
VCOIN = 4 V
1
2
µA
Minimum VCO frequency
fVCOmin
VCOIN = open
0.85
1
1.15
kHz
Maximum VCO frequency
fVCOmax VCOIN = 5 V
36
42
48
kHz
Maximum CX pin charge/discharge current
Icxmax
VCOIN = 5 V
550
650
750
µA
Minimum CX pin charge/discharge current
Icxmin
VCOIN = open
11
14
17
µA
Thermal shutdown circuit operating temperature
TTSD
Design target value *
150
180
210
°C
Thermal shutdown circuit hysteresis
∆TTSD
Design target value *
15
°C
BFGO pin output saturation voltage
VsatFG
ILOAD = 1 mA
0.2
0.4
V
[Lock Detection Circuit]
LKC pin voltage threshold
Vth
3.7
4
4.3
V
Threshold level hysteresis
∆Vth
1.8
2
2.2
V
LKC pin charge current
Ichg
V (LKC) = 0 V
0.8
1
1.2
µA
LKC pin discharge current
Idis
V (LKC) = 4.2 V
0.52
0.65
0.78
µA
LAT pin input current
ILAT
V (LAT) = 0 V, V (LKC)= 4.2 V
3.2
4
4.8
µA
LKO pin saturation voltage
VsatLKO
ILOAD = 1 mA, V(LKC) = 4.2 V
0.2
0.4
V
[Low-Voltage Cutoff Circuit]
Low-voltage detection voltage
VT
VREG pin detection
38
4
4.2
V
Hysteresis
∆VF
150
180
210
mV
[Forward/Reverse Circuit]
INFR pin input current
IINFR
V (INFR) = 5 V
38
43
48
µA
INFR pin high-level input threshold voltage
VINH
3.0
V
INFR pin low-level input threshold voltage
VINL
1.0
V
Electrical Characteristics at Ta = 25°C, VCC = VCCM = 18 V
Note: * Design target values are not tested.


Similar Part No. - LB11981

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11980H SANYO-LB11980H Datasheet
108Kb / 11P
   Monolithic Digital IC For VCR Capstan Three-Phase Brushless Motor Driver
LB11983 SANYO-LB11983 Datasheet
97Kb / 7P
   For Fan Motor Driver for Refrigerator 3-Phase Sensorless Motor Driver
LB11985 SANYO-LB11985 Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
LB11985H SANYO-LB11985H Datasheet
82Kb / 9P
   VCR Capstan Motor Brushless Motor Driver
LB11988 SANYO-LB11988 Datasheet
52Kb / 6P
   Refrigerator Fan Motor Driver
More results

Similar Description - LB11981

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11683H SANYO-LB11683H Datasheet
101Kb / 7P
   Three-Phase Sensorless Motor Driver
logo
ON Semiconductor
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
LB11683H-TLM-E ONSEMI-LB11683H-TLM-E Datasheet
95Kb / 7P
   Three-Phase Sensorless Motor Driver
May, 2013
logo
Sanyo Semicon Device
LB1950V SANYO-LB1950V Datasheet
190Kb / 9P
   Three-Phase Brushless Sensorless Motor Driver
LB1988N SANYO-LB1988N Datasheet
92Kb / 9P
   Three-Phase Sensorless Motor Driver Loading Motor Driver
LB11880 SANYO-LB11880 Datasheet
91Kb / 9P
   Three-Phase Sensorless Motor Driver with Loading Motor Driver
LB1885M SANYO-LB1885M Datasheet
145Kb / 5P
   Three-Phase Bipolar Brushless/Sensorless Motor Driver
LB1989 SANYO-LB1989 Datasheet
117Kb / 9P
   Three-Phase Sensorless VCR Drum Motor Driver
logo
Diodes Incorporated
AM9800 DIODES-AM9800 Datasheet
563Kb / 11P
   Three Phase Direct PWM Sensorless Motor Driver
logo
ON Semiconductor
LV8850GA ONSEMI-LV8850GA Datasheet
287Kb / 14P
   Three-Phase sensorless FAN Motor Pre-Driver
July, 2013
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com