Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

2DA1774Q Datasheet(PDF) 3 Page - Diodes Incorporated

Part # 2DA1774Q
Description  PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2DA1774Q Datasheet(HTML) 3 Page - Diodes Incorporated

  2DA1774Q Datasheet HTML 1Page - Diodes Incorporated 2DA1774Q Datasheet HTML 2Page - Diodes Incorporated 2DA1774Q Datasheet HTML 3Page - Diodes Incorporated 2DA1774Q Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
2DA1774Q/R/S
Document number: DS30253 Rev. 9 - 2
3 of 4
www.diodes.com
November 2010
© Diodes Incorporated
2DA1774Q/R/S
10
100
1,000
1
10
100
I , COLLECTOR CURRENT (mA)
Fig. 3 Typical Gain-Bandwidth Product vs. Collector Current
C
V
= 5V
CE
Package Outline Dimensions
Suggested Pad Layout
SOT-523
Dim
Min
Max
Typ
A
0.15
0.30
0.22
B
0.75
0.85
0.80
C
1.45
1.75
1.60
D
0.50
G
0.90
1.10
1.00
H
1.50
1.70
1.60
J
0.00
0.10
0.05
K
0.60
0.80
0.75
L
0.10
0.30
0.22
M
0.10
0.20
0.12
N
0.45
0.65
0.50
α
All Dimensions in mm
Dimensions
Value (in mm)
Z
1.8
X
0.4
Y
0.51
C
1.3
E
0.7
A
M
J
L
D
B C
H
K
G
N
X
E
Y
C
Z


Similar Part No. - 2DA1774Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
2DA1774Q DIODES-2DA1774Q Datasheet
45Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30253 Rev. 4 - 2
2DA1774Q DIODES-2DA1774Q Datasheet
79Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30253 Rev. 7 - 2
2DA1774Q-7-F DIODES-2DA1774Q-7-F Datasheet
79Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30253 Rev. 7 - 2
2DA1774Q-7-F DIODES-2DA1774Q-7-F Datasheet
78Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
2DA1774QLP DIODES-2DA1774QLP Datasheet
103Kb / 4P
   40V PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results

Similar Description - 2DA1774Q

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMST2907A DIODES-MMST2907A Datasheet
54Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30081 Rev. 3 - 2
MMSTA92 DIODES-MMSTA92 Datasheet
46Kb / 2P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 3 - 2
BC856A_ DIODES-BC856A_ Datasheet
269Kb / 4P
   PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS11207 Rev. 18 - 2
DP350T05 DIODES-DP350T05 Datasheet
82Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30624 Rev. 6 - 2
MMST5401 DIODES-MMST5401_1 Datasheet
209Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30170 Rev. 8 - 2
MMSTA92 DIODES-MMSTA92_1 Datasheet
77Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30174 Rev. 8 - 2
MMBT2907AT DIODES-MMBT2907AT_1 Datasheet
353Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30269 Rev. 7 - 2
BC857AT DIODES-BC857AT_1 Datasheet
353Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30275 Rev. 8 - 2
MMBT4126 DIODES-MMBT4126_15 Datasheet
118Kb / 3P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMST3906 DIODES-MMST3906_15 Datasheet
134Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Galaxy Semi-Conductor H...
MMBT2907AT BILIN-MMBT2907AT Datasheet
161Kb / 4P
   PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com