Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CM500HA-34A Datasheet(PDF) 3 Page - Mitsubishi Electric Semiconductor

Part # CM500HA-34A
Description  HIGH POWER SWITCHING USE INSULATED TYPE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

CM500HA-34A Datasheet(HTML) 3 Page - Mitsubishi Electric Semiconductor

  CM500HA-34A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor CM500HA-34A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor CM500HA-34A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor CM500HA-34A Datasheet HTML 4Page - Mitsubishi Electric Semiconductor CM500HA-34A Datasheet HTML 5Page - Mitsubishi Electric Semiconductor CM500HA-34A Datasheet HTML 6Page - Mitsubishi Electric Semiconductor CM500HA-34A Datasheet HTML 7Page - Mitsubishi Electric Semiconductor CM500HA-34A Datasheet HTML 8Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
MITSUBISHI IGBT MODULES
CM500HA-34A
HIGH POWER SWITCHING USE
INSULATED TYPE
3
July-2010
Note.1: Represent ratings and characteristics of the anti-parallel, emitter-collector free wheeling diode (FWDi).
Note.2: Case temperature (TC) and heat sink temperature (T s ) are defined on the each surface of base plate and heat sink
just under the chips. (Refer to the figure of chip location)
The heat sink thermal resistance {Rth(s-a)} should measure just under the chips.
Note.3: Pulse width and repetition rate should be such that the device junction temperature (T j ) dose not exceed T jm a x rating.
Note.4: Junction temperature (T j ) should not increase beyond T jm a x rating.
Note.5: Base plate flatness measurement point is as in the following figure.
Y
X
+: Convex
-: Concave
Bottom
Bottom
Bottom
Note.6: Pulse width and repetition rate should be such as to cause negligible temperature rise.
(Refer to the figure of test circuit)
Note.7: Typical value is measured by using thermally conductive grease of λ=0.9 W/(m·K).
CHIP LOCATION (Top view)
Dimension in mm, tolerance: ±1 mm
Tr1: IGBT, Di1: FWDi. Each mark points the center position of each chip.


Similar Part No. - CM500HA-34A

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
CM500HA-34A POWEREX-CM500HA-34A Datasheet
426Kb / 4P
   Single IGBTMOD A-Series Module 500 Amperes/1700 Volts
logo
Mitsubishi Electric Sem...
CM500HA-34A MITSUBISHI-CM500HA-34A_12 Datasheet
312Kb / 8P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results

Similar Description - CM500HA-34A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
CM75DY-24H MITSUBISHI-CM75DY-24H Datasheet
48Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM1000HA-28H MITSUBISHI-CM1000HA-28H Datasheet
54Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75DY-HB MITSUBISHI-QM75DY-HB Datasheet
85Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM400DY-12H MITSUBISHI-CM400DY-12H Datasheet
50Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-2HB MITSUBISHI-QM200DY-2HB Datasheet
86Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM150TF-12H MITSUBISHI-CM150TF-12H Datasheet
53Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM200DY-HB MITSUBISHI-QM200DY-HB Datasheet
68Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100DY-12H MITSUBISHI-CM100DY-12H Datasheet
47Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM300HA-24 MITSUBISHI-QM300HA-24 Datasheet
77Kb / 5P
   HIGH POWER SWITCHING USE INSULATED TYPE
QM75E2Y-H MITSUBISHI-QM75E2Y-H Datasheet
90Kb / 6P
   HIGH POWER SWITCHING USE INSULATED TYPE
CM100E3U-24H MITSUBISHI-CM100E3U-24H Datasheet
44Kb / 4P
   HIGH POWER SWITCHING USE INSULATED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com