Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM50B6L1C060 Datasheet(PDF) 10 Page - Mitsubishi Electric Semiconductor

Part # PM50B6L1C060
Description  INTELLIGENT POWER MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM50B6L1C060 Datasheet(HTML) 10 Page - Mitsubishi Electric Semiconductor

Back Button PM50B6L1C060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 10Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 11Page - Mitsubishi Electric Semiconductor PM50B6L1C060 Datasheet HTML 12Page - Mitsubishi Electric Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
MITSUBISHI <INTELLIGENT POWER MODULES>
PM50B6L1C060
FLAT-BASE TYPE
INSULATED PACKAGE
Jan. 2011
FREE WHEELING DIODE
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
INVERTER PART
FREE WHEELING DIODE
REVERSE RECOVERY CHARACTERISTICS
(TYPICAL)
CONVERTER PART
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
5
10 15 20 25 30 35 40 45 50 55
0
10
20
30
40
50
60
70
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
5
10 15 20 25 30 35 40 45 50 55
5
10
15
20
25
30
35
40
EMITTER CURRENT IE (A)
EMITTER CURRENT IE (A)
FREE WHEELING DIODE
REVERSE RECOVERY ENERGY
CHARACTERISTICS
(TYPICAL)
INVERTER PART
FREE WHEELING DIODE
REVERSE RECOVERY ENERGY
CHARACTERISTICS
(TYPICAL)
CONVERTER PART
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
0
5
10
15 20
25 30
35 40
45 50
55
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0
5
10
15 20
25 30
35 40
45 50
55
EMITTER CURRENT IE (A)
EMITTER CURRENT IE (A)
Vcc=300V
VD=15V
Tj=25°C
Tj=125°C
Inductive Load
Vcc=300V
VD=15V
Tj=25°C
Tj=125°C
Inductive Load
Irr
trr
Vcc=300V
VD=15V
Tj=25°C
Tj=125°C
Inductive Load
trr
Irr
Vcc=300V
VD=15V
Tj=25°C
Tj=125°C
Inductive Load


Similar Part No. - PM50B6L1C060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM50B6L1C060 POWEREX-PM50B6L1C060 Datasheet
373Kb / 4P
   Photo Voltaic IPM H-Bridge 2 Choppers 50 Amperes/600 Volts
More results

Similar Description - PM50B6L1C060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
PM300RL1A060 MITSUBISHI-PM300RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com