Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PM75B6L1C060 Datasheet(PDF) 1 Page - Mitsubishi Electric Semiconductor

Part # PM75B6L1C060
Description  INTELLIGENT POWER MODULES
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

PM75B6L1C060 Datasheet(HTML) 1 Page - Mitsubishi Electric Semiconductor

  PM75B6L1C060 Datasheet HTML 1Page - Mitsubishi Electric Semiconductor PM75B6L1C060 Datasheet HTML 2Page - Mitsubishi Electric Semiconductor PM75B6L1C060 Datasheet HTML 3Page - Mitsubishi Electric Semiconductor PM75B6L1C060 Datasheet HTML 4Page - Mitsubishi Electric Semiconductor PM75B6L1C060 Datasheet HTML 5Page - Mitsubishi Electric Semiconductor PM75B6L1C060 Datasheet HTML 6Page - Mitsubishi Electric Semiconductor PM75B6L1C060 Datasheet HTML 7Page - Mitsubishi Electric Semiconductor PM75B6L1C060 Datasheet HTML 8Page - Mitsubishi Electric Semiconductor PM75B6L1C060 Datasheet HTML 9Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
1
MITSUBISHI <INTELLIGENT POWER MODULES>
PM75B6L1C060
FLAT-BASE TYPE
INSULATED PACKAGE
Jan. 2011
PM75B6L1C060
FEATURE
a) Adopting new 5th generation Full-Gate
CSTBTTM chip
b) Error output signal is possible from all
each protection upper and lower IGBT
c) The mounting surface is 90mm
×50mm
about 30% less than B6LA type
• Monolithic gate drive & protection logic
• Detection, protection & status indication
circuits for, short-circuit, over-temperature
& under-voltage
APPLICATION
Photo voltaic power conditioner
PACKAGE OUTLINES
Dimensions in mm
1. VUPC
2. UFo
3. UP
4. VUP1
5. VVPC
6. VFo
7. VP
8. VVP1
9. NC
10. NC
11. NC
12. NC
13. VNC
14. VN1
15. Br
16. UN
17. VN
18. WN
19. Fo
Terminal code


Similar Part No. - PM75B6L1C060

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
PM75B6L1C060 POWEREX-PM75B6L1C060 Datasheet
373Kb / 4P
   Photo Voltaic IPM H-Bridge 2 Choppers 75 Amperes/600 Volts
More results

Similar Description - PM75B6L1C060

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
PM50B5L1C060 MITSUBISHI-PM50B5L1C060 Datasheet
349Kb / 12P
   INTELLIGENT POWER MODULES
PM75B5L1C060 MITSUBISHI-PM75B5L1C060 Datasheet
345Kb / 12P
   INTELLIGENT POWER MODULES
PM10CNJ060 MITSUBISHI-PM10CNJ060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM50RLA060 MITSUBISHI-PM50RLA060 Datasheet
100Kb / 6P
   INTELLIGENT POWER MODULES
PM75CLA120 MITSUBISHI-PM75CLA120 Datasheet
95Kb / 6P
   INTELLIGENT POWER MODULES
PM75RSE120 MITSUBISHI-PM75RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM50B4L1C060 MITSUBISHI-PM50B4L1C060 Datasheet
327Kb / 10P
   INTELLIGENT POWER MODULES
PM50RSE120 MITSUBISHI-PM50RSE120 Datasheet
131Kb / 6P
   INTELLIGENT POWER MODULES
PM75B4L1C060 MITSUBISHI-PM75B4L1C060 Datasheet
323Kb / 10P
   INTELLIGENT POWER MODULES
PM300RL1A060 MITSUBISHI-PM300RL1A060 Datasheet
155Kb / 9P
   INTELLIGENT POWER MODULES
PM50B6L1C060 MITSUBISHI-PM50B6L1C060 Datasheet
352Kb / 12P
   INTELLIGENT POWER MODULES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com