Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDM40E20LA-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # SDM40E20LA-7
Description  DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

SDM40E20LA-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  SDM40E20LA-7 Datasheet HTML 1Page - Diodes Incorporated SDM40E20LA-7 Datasheet HTML 2Page - Diodes Incorporated SDM40E20LA-7 Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SDM40E20L /S /C /A
Document number: DS30298 Rev. 11 - 2
1 of 3
www.diodes.com
June 2008
© Diodes Incorporated
SDM40E20L /S /C /A
DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Features
Very Low Forward Voltage Drop
Guard Ring Construction for Transient Protection
High Conductance
Lead, Halogen and Antimony Free, RoHS Compliant
"Green" Device (Notes 4, 5 and 6)
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Polarity: See Diagram
Leads: Solderable per MIL-STD-202, Method 208
Terminals: SDM40E20L/S/A Finish
⎯ Matte Tin Finish
annealed over Alloy 42 leadframe.
SDM40E20LC Finish
⎯ Matte Tin Finish
annealed over CDA194 leadframe.
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.008 grams (approximate)
Top View
SDM40E20LA
SDM40E20LS
SDM40E20LC
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
20
V
RMS Reverse Voltage
VR(RMS)
14
V
Forward Continuous Current (Note 1)
IFM
0.4
A
Non-Repetitive Peak Forward Surge Current
8.3ms single half sine-wave superimposed on rated load
IFSM
2
A
Thermal Characteristics
Characteristic
Symbol
Value
Unit
225
Power Dissipation
(Note 1)
(Note 2)
PD
300
mW
444
Typical Thermal Resistance Junction to Ambient
(Note 1)
(Note 2)
RθJA
333
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-65 to +125
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Conditions
Reverse Breakdown Voltage (Note 3)
V(BR)R
20
V
IR = 0.5mA
Forward Voltage Drop
VF
0.310
0.430
V
IF = 0.1A
IF = 0.5A
Leakage Current (Note 3)
IR
100
250
μA
VR = 10V
VR = 20V
Total Capacitance
CT
120
pF
f = 1MHz, VR = 0VDC
Notes:
1. Device mounted on FR-5 1.0 x 0.75 x 0.062 inch PCB pad layout.
2. Device mounted on Alumina PCB, 0.4 inch x 0.3 inch x 0.024 inch pad layout.
3. Short duration pulse test used to minimize self-heating effect.
4. No purposefully added lead. Halogen and Antimony Free.
5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
6. Product manufactured with Green Molding Compound and does not contain Halogens or Sb2O3 Fire Retardants.
Please click here to visit our online spice models database.


Similar Part No. - SDM40E20LA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM40E20LA-7 DIODES-SDM40E20LA-7 Datasheet
123Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
June 2008
More results

Similar Description - SDM40E20LA-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40V DIODES-BAS40V_08 Datasheet
122Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
BAS40V DIODES-BAS40V_15 Datasheet
259Kb / 5P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM20E40C DIODES-SDM20E40C_1 Datasheet
76Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. 6 - 2
BAT54DW DIODES-BAT54DW_1 Datasheet
364Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
SDM20N40A DIODES-SDM20N40A_15 Datasheet
80Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM20E40C DIODES-SDM20E40C Datasheet
56Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. B-2
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
BAS40V DIODES-BAS40V Datasheet
245Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 2 - 2
BAT54DW DIODES-BAT54DW_08 Datasheet
122Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
SDM20E40C DIODES-SDM20E40C_15 Datasheet
91Kb / 4P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com