Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B130LAW Datasheet(PDF) 2 Page - Diodes Incorporated

Part # B130LAW
Description  1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

B130LAW Datasheet(HTML) 2 Page - Diodes Incorporated

  B130LAW Datasheet HTML 1Page - Diodes Incorporated B130LAW Datasheet HTML 2Page - Diodes Incorporated B130LAW Datasheet HTML 3Page - Diodes Incorporated B130LAW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
B130LAW
0
0.1
0.2
0
0.2
0.4
0.6
0.8
1.0
1.2
I
, AVERAGE FORWARD CURRENT (A)
Fig. 1 Forward Power Dissipation
F(AV)
0.3
0.4
0.5
0.001
0.01
10
1
0.1
0.2
0.4
0.6
0.8
1.2
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
T = 125 C
J
°
T = 25 C
J
°
0
0.01
0.1
1.0
10
100
T , JUNCTION TEMPERATURE (°C)
Fig. 3 Typical Pulsed Reverse Characteristics
J
20
40
60
80
100
120
140
0
10
100
1,000
0.1
1.0
10
100
V , DC REVERSE VOLTAGE (V)
Fig. 4 Total Capacitance vs. Reverse Voltage
R
T = 25ºC
J
f = 1MHz
0
I
, AVERAGE FORWARD CURRENT (A)
Fig. 5 Forward Current Derating Curve
F(AV)
20
40
60
80
100
120
140
0
0.2
0.4
0.6
0.8
11
25
50
125
0
10
20
30
V , DC REVERSE VOLTAGE (V)
Fig. 6 Operating Temperature Derating
R
100
75
.2
B130LAW
Document number: DS30308 Rev. 9 - 2
2 of 4
www.diodes.com
June 2008
© Diodes Incorporated


Similar Part No. - B130LAW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B130LAW DIODES-B130LAW Datasheet
431Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 7 - 2
B130LAW DIODES-B130LAW Datasheet
296Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B130LAW-7 DIODES-B130LAW-7 Datasheet
69Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. 6 - 2
B130LAW-7-F DIODES-B130LAW-7-F Datasheet
431Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 7 - 2
More results

Similar Description - B130LAW

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
B120B DIODES-B120B Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 13 - 2
B130L DIODES-B130L Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30151 Rev. A-1
B130LAW DIODES-B130LAW Datasheet
66Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30308 Rev. 2 - 2
B140N DIODES-B140N Datasheet
65Kb / 2P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30136 Rev. A-0
B120B DIODES-B120B_10 Datasheet
113Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS13002 Rev. 16 - 2
DFLS130 DIODES-DFLS130 Datasheet
94Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30445 Rev. 1 - 2
1N5819HW DIODES-1N5819HW_10 Datasheet
103Kb / 4P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 15 - 2 February 2010
DFLS160 DIODES-DFLS160_08 Datasheet
109Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
PD3S160 DIODES-PD3S160_08 Datasheet
138Kb / 3P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
B120B DIODES-B120B_15 Datasheet
133Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DFLS120LQ DIODES-DFLS120LQ_15 Datasheet
202Kb / 5P
   1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com