Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C35214186 Datasheet(PDF) 4 Page - General Cable Technologies Corporation

Part # C35214186
Description  C3521, Coaxial Cable, RG6/U Type, Plenum, 18 AWG Solid Bare Copper
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C35214186 Datasheet(HTML) 4 Page - General Cable Technologies Corporation

  C35214186 Datasheet HTML 1Page - General Cable Technologies Corporation C35214186 Datasheet HTML 2Page - General Cable Technologies Corporation C35214186 Datasheet HTML 3Page - General Cable Technologies Corporation C35214186 Datasheet HTML 4Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - C35214186

ManufacturerPart #DatasheetDescription
logo
Powerbox
C3521 POWERBOX-C3521 Datasheet
180Kb / 3P
   Overvoltage protection with auto restart
More results

Similar Description - C35214186

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C57764101 GENERAL-C57764101 Datasheet
77Kb / 3P
   C5776, Coaxial Cable, RG6/U Type, 18 AWG Solid Copper Clad Steel
C57751801 GENERAL-C57751801 Datasheet
75Kb / 3P
   C5775, Coaxial Cable, RG6/U Type, 18 AWG Solid Copper Clad Steel
C57774101 GENERAL-C57774101 Datasheet
78Kb / 3P
   C5777, Coaxial Cable, RG6/U Type, 18 AWG Copper Clad Steel
C35194102 GENERAL-C35194102 Datasheet
78Kb / 3P
   C3519, Coaxial Cable, Plenum, RG58/U Type, 19 AWG Solid Bare Copper, 95% Tinned Copper Braid
C35004186 GENERAL-C35004186 Datasheet
76Kb / 3P
   C3500, Coaxial Cable, RG59/U Type, Plenum, 20 AWG Solid Copper Clad Steel, 95% Bare Copper Braid
logo
List of Unclassifed Man...
1695A ETC2-1695A Datasheet
107Kb / 4P
   RG-6/U type, 18 AWG solid .040 bare copper conductor, plenum, foam FEP insulation
logo
General Cable Technolog...
C50254101 GENERAL-C50254101 Datasheet
72Kb / 3P
   C5025, Coaxial Cable, RG11/U Type, 14 AWG Solid Copper Clad Steel, 97% Bare Copper Braid
C35204186 GENERAL-C35204186 Datasheet
76Kb / 3P
   C3520, Coaxial Cable, RG62/U Type, Plenum, Gauge Size 22 AWG Solid Copper Clad Steel
495036 GENERAL-495036 Datasheet
59Kb / 2P
   18 AWG - 75 Ohm - RG-6/U Type Plenum Coaxial Cable
C35794102 GENERAL-C35794102 Datasheet
83Kb / 4P
   C3579, Coaxial Cable, RG58/U Type, Plenum, 20 AWG (19X32) Tinned Copper
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com