Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C3579.41.02 Datasheet(PDF) 4 Page - General Cable Technologies Corporation

Part # C3579.41.02
Description  C3579, Coaxial Cable, RG58/U Type, Plenum, 20 AWG (19X32) Tinned Copper
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GENERAL [General Cable Technologies Corporation]
Direct Link  http://www.generalcable.com
Logo GENERAL - General Cable Technologies Corporation

C3579.41.02 Datasheet(HTML) 4 Page - General Cable Technologies Corporation

  C3579.41.02 Datasheet HTML 1Page - General Cable Technologies Corporation C3579.41.02 Datasheet HTML 2Page - General Cable Technologies Corporation C3579.41.02 Datasheet HTML 3Page - General Cable Technologies Corporation C3579.41.02 Datasheet HTML 4Page - General Cable Technologies Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image


Similar Part No. - C3579.41.02

ManufacturerPart #DatasheetDescription
logo
Powerbox
C3579 POWERBOX-C3579 Datasheet
180Kb / 3P
   Overvoltage protection with auto restart
C3579G POWERBOX-C3579G Datasheet
180Kb / 3P
   Overvoltage protection with auto restart
More results

Similar Description - C3579.41.02

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C35194102 GENERAL-C35194102 Datasheet
78Kb / 3P
   C3519, Coaxial Cable, Plenum, RG58/U Type, 19 AWG Solid Bare Copper, 95% Tinned Copper Braid
logo
List of Unclassifed Man...
1682720 ETC2-1682720 Datasheet
102Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1348238 ETC2-1348238 Datasheet
99Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1748276 ETC2-1748276 Datasheet
101Kb / 3P
   RG-58A/U type, 20 AWG stranded (19x32) .037 tinned copper conductor
1351327 ETC2-1351327 Datasheet
99Kb / 3P
   20 AWG pairs stranded (19x32) tinned copper conductors
logo
General Cable Technolog...
C35214186 GENERAL-C35214186 Datasheet
84Kb / 4P
   C3521, Coaxial Cable, RG6/U Type, Plenum, 18 AWG Solid Bare Copper
C35004186 GENERAL-C35004186 Datasheet
76Kb / 3P
   C3500, Coaxial Cable, RG59/U Type, Plenum, 20 AWG Solid Copper Clad Steel, 95% Bare Copper Braid
logo
List of Unclassifed Man...
1346742 ETC2-1346742 Datasheet
101Kb / 3P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam FEP insulation
28379 ETC2-28379 Datasheet
34Kb / 4P
   20 AWG stranded (19x32) .037 tinned copper conductor, foam polyethylene insulation
logo
General Cable Technolog...
C3524 GENERAL-C3524 Datasheet
37Kb / 2P
   RG 6/U TYPE PLENUM COAXIAL CABLE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com