Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTA123JE Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTA123JE
Description  PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA123JE Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTA123JE Datasheet HTML 1Page - Diodes Incorporated DDTA123JE Datasheet HTML 2Page - Diodes Incorporated DDTA123JE Datasheet HTML 3Page - Diodes Incorporated DDTA123JE Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
TYPICAL CURVES - DDTA123JE
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
Fig. 2 V
vs. I
C
CE(SAT)
C
-50
050
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Derating Curve
A
°
DS30318 Rev. 7 – 2
3 of 4
www.diodes.com
DDTA (R1
≠R2 SERIES) E
© Diodes Incorporated
10
1,000
100
110
100
I , COLLECTOR CURRENT (mA)
C
0
2
4
6
12
0
20
30
V , REVERSE BIAS VOLTAGE (V)
Fig. 4 Output Capacitance
R
10
5
15
25
8
10
f = 1MHz
Fig. 3 DC Current Gain
V
= 10V
CE
1
1
10
0
10
203040
I , COLLECTOR CURRENT (mA)
Fig. 6 Input Voltage vs. Collector Current
C
0.001
0.01
1
10
100
01
2
3
4
89
10
V , INPUT VOLTAGE (V)
Fig. 5 Collector Current vs. Input Voltage
in
5
67
0.1
V = 5V
O
50
V = 0.2V
O


Similar Part No. - DDTA123JE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123JE DIODES-DDTA123JE Datasheet
73Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 2 - 2
DDTA123JE DIODES-DDTA123JE Datasheet
89Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 6 - 2
DDTA123JE DIODES-DDTA123JE Datasheet
349Kb / 6P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 9 - 2 April 2018
DDTA123JE-7 DIODES-DDTA123JE-7 Datasheet
73Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 2 - 2
DDTA123JE-7-F DIODES-DDTA123JE-7-F Datasheet
89Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-523 SURFACE MOUNT TRANSISTOR
DS30318 Rev. 6 - 2
More results

Similar Description - DDTA123JE

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123EUA DIODES-DDTA123EUA_2 Datasheet
132Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 8 - 2
DDTA114GUA DIODES-DDTA114GUA_2 Datasheet
132Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTA143XUAQ DIODES-ADTA143XUAQ Datasheet
459Kb / 7P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
DDTA113ZUA DIODES-DDTA113ZUA_2 Datasheet
141Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DDTA113TKA DIODES-DDTA113TKA_2 Datasheet
135Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30343 Rev. 7 - 2
DDTA114GKA DIODES-DDTA114GKA_2 Datasheet
126Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30344 Rev. 8 - 2
ADTA114ECAQ DIODES-ADTA114ECAQ Datasheet
282Kb / 7P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTA144WCAQ DIODES-ADTA144WCAQ Datasheet
417Kb / 7P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2020
DDTA113TUA DIODES-DDTA113TUA_2 Datasheet
134Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
MMBT4403T DIODES-MMBT4403T_18 Datasheet
335Kb / 6P
   PNP PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com