Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTC123EUA Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DDTC123EUA
Description  NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123EUA Datasheet(HTML) 3 Page - Diodes Incorporated

  DDTC123EUA_2 Datasheet HTML 1Page - Diodes Incorporated DDTC123EUA_2 Datasheet HTML 2Page - Diodes Incorporated DDTC123EUA_2 Datasheet HTML 3Page - Diodes Incorporated DDTC123EUA_2 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Typical Curves – DDTC143EUA @TA = 25°C unless otherwise specified
-50
050
100
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Derating Curve
A
°
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
Fig. 2 V
vs. I
C
CE(SAT)
C
I/I = 10
CB
-25 C
°
75 C
°
25 C
°
150
10
1,000
100
1
110
100
I , COLLECTOR CURRENT (mA)
Fig. 3 DC Current Gain
C
0
1
2
3
4
0
20
30
V , REVERSE BIAS VOLTAGE (V)
Fig. 4 Output Capacitance
R
5
10
5
15
25
f = 1MHz
DS30321 Rev. 9 - 2
3 of 4
www.diodes.com
DDTC (R1 = R2 SERIES) UA
© Diodes Incorporated
0.01
0.1
1
10
100
01
2
3
4
89
10
V , INPUT VOLTAGE (V)
Fig. 5 Collector Current vs. Input Voltage
in
5
67
0
1
10
010
20
30
40
I , COLLECTOR CURRENT (mA)
Fig. 6 Input Voltage vs. Collector Current
C
50


Similar Part No. - DDTC123EUA_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123EUA-7 DIODES-DDTC123EUA-7 Datasheet
195Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 4 - 2
DDTC123EUA-7-F DIODES-DDTC123EUA-7-F Datasheet
92Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 8 - 2
DDTC123EUA DIODES-DDTC123EUA_1 Datasheet
92Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-323 SURFACE MOUNT TRANSISTOR
DS30321 Rev. 8 - 2
More results

Similar Description - DDTC123EUA_2

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTC114ECAQ DIODES-ADTC114ECAQ Datasheet
336Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC143ZCAQ DIODES-ADTC143ZCAQ Datasheet
316Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC144EUAQ DIODES-ADTC144EUAQ Datasheet
461Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2 May 2021
DDTC113ZKA DIODES-DDTC113ZKA_2 Datasheet
146Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30338 Rev. 8 - 2
DDTC114GKA DIODES-DDTC114GKA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30340 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com