Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTA123ECA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTA123ECA
Description  PNP PRE-BIASED SMALL SIGNAL SOT-23
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTA123ECA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTA123ECA Datasheet HTML 1Page - Diodes Incorporated DDTA123ECA Datasheet HTML 2Page - Diodes Incorporated DDTA123ECA Datasheet HTML 3Page - Diodes Incorporated DDTA123ECA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30333 Rev. 7 - 2
2 of 4
www.diodes.com
DDTA (R1 = R2 SERIES) CA
© Diodes Incorporated
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation
Pd
200
mW
Thermal Resistance, Junction to Ambient Air (Note 3)
RθJA
625
°C/W
Operating and Storage and Temperature Range
Tj, TSTG
-55 to +150
°C
Notes:
3.
Mounted on FR4 PC Board with recommended pad layout as shown on Diodes Inc., suggested pad layout document AP02001, which can be found on
our website at http://www.diodes.com/datasheets/ap02001.pdf
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Vl(off)
-0.5
-1.1
VCC = 5V, IO = 100μA
Input Voltage
Vl(on)
-1.9
-3
V
VO = 0.3V, IO = 20mA, DDTA123ECA
VO = 0.3V, IO = 20mA, DDTA143ECA
VO = 0.3V, IO = 10mA, DDTA114ECA
VO = 0.3V, IO = 5mA, DDTA124ECA
VO = 0.3V, IO = 2mA, DDTA144ECA
VO = 0.3V, IO = 1mA, DDTA115ECA
Output Voltage
VO(on)
-0.1
-0.3
V
IO/Il =10mA/0.5mA, DDTA123ECA
IO/Il =10mA/0.5mA, DDTA143ECA
IO/Il =10mA/0.5mA, DDTA114ECA
IO/Il =10mA/0.5mA, DDTA124ECA
IO/Il =10mA/0.5mA, DDTA144ECA
IO/Il =5mA/0.25mA, DDTA115ECA
Input Current
DDTA123ECA
DDTA143ECA
DDTA114ECA
DDTA124ECA
DDTA144ECA
DDTA115ECA
Il
-3.8
-1.8
-.88
-.36
-.18
-.15
mA
VI = -5V
Output Current
IO(off)
0.5
μA VCC = -50V, VI = 0V
DC Current Gain
DDTA123ECA
DDTA143ECA
DDTA114ECA
DDTA124ECA
DDTA144ECA
DDTA115ECA
Gl
-20
-20
-30
-56
-68
-82
VO = -5V, IO = -20mA
VO = -5V, IO = -10mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
VO = -5V, IO = -5mA
Input Resistor (R1) Tolerance
ΔR1
-30
+30
%
Resistance Ratio
R2/R1
0.8
1
1.2
Gain-Bandwidth Product*
fT
250
MHz
VCE = -10V, IE = 5mA,
f = 100MHz
* Transistor - For Reference Only


Similar Part No. - DDTA123ECA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA123ECA DIODES-DDTA123ECA Datasheet
67Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30333 Rev. 2 - 2
DDTA123ECA DIODES-DDTA123ECA Datasheet
88Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30333 Rev. 6 - 2
DDTA123ECA-7-F DIODES-DDTA123ECA-7-F Datasheet
88Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30333 Rev. 6 - 2
DDTA123ECA DIODES-DDTA123ECA_1 Datasheet
88Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30333 Rev. 6 - 2
More results

Similar Description - DDTA123ECA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTA113ZCA DIODES-DDTA113ZCA_2 Datasheet
133Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30334 Rev. 7 - 2
DDTA113TCA DIODES-DDTA113TCA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30335 Rev. 6 - 2
DDTA114GCA DIODES-DDTA114GCA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30336 Rev. 7 - 2
DDTC114GCA DIODES-DDTC114GCA_2 Datasheet
124Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 6 - 2
DDTC113TCA DIODES-DDTC113TCA_2 Datasheet
123Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 6 - 2
DDTC123ECA DIODES-DDTC123ECA_2 Datasheet
120Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 9 - 2
DDTAXXXXCA DIODES-DDTAXXXXCA Datasheet
188Kb / 3P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 2 - 2
DDTA113TCA DIODES-DDTA113TCA_1 Datasheet
445Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30335 Rev. 5 - 2
DDTA113ZCA DIODES-DDTA113ZCA_1 Datasheet
92Kb / 5P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30334 Rev. 6 - 2
DDTA114GCA DIODES-DDTA114GCA_1 Datasheet
92Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30336 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com