Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTC115GCA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTC115GCA
Description  NPN PRE-BIASED SMALL SIGNAL SOT-23
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC115GCA Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTC115GCA Datasheet HTML 1Page - Diodes Incorporated DDTC115GCA Datasheet HTML 2Page - Diodes Incorporated DDTC115GCA Datasheet HTML 3Page - Diodes Incorporated DDTC115GCA Datasheet HTML 4Page - Diodes Incorporated DDTC115GCA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DDTC (R2-ONLY SERIES) CA
DS30332 Rev. 6 - 2
1 of 4
www.diodes.com
DDTC (R2-ONLY SERIES) CA
© Diodes Incorporated
NPN PRE-BIASED SMALL SIGNAL SOT-23
SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary PNP Types Available (DDTA)
Built-In Biasing Resistor, R2 only
Lead, Halogen and Antimony Free, RoHS
Compliant "Green" Device (Notes 2 and 3)
Mechanical Data
Case: SOT-23
Case Material: Molded Plastic. UL Flammability
Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminal Connections: See Diagram
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over
Alloy 42 leadframe).
Marking: Date Code and Marking Code (See Table
Below & Page 4)
Ordering Information: See Page 4
Weight: 0.008 grams (approximate)
P/N
R2 (NOM)
MARKING
DDTC114GCA
DDTC124GCA
DDTC144GCA
DDTC115GCA
10K
Ω
22K
Ω
47K
Ω
100K
Ω
N26
N27
N28
N29
SOT-23
A
E
J
L
TOP VIEW
M
Dim
Min
Max
A
0.37
0.51
B
1.20
1.40
C
2.30
2.50
D
0.89
1.03
E
0.45
0.60
G
1.78
2.05
H
2.80
3.00
J
0.013
0.10
K
0.903
1.10
L
0.45
0.61
M
0.085
0.180
α
0
°
8
°
All Dimensions in mm
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
5
V
Collector Current
IC (Max)
100
mA
Power Dissipation
PD
200
mW
Thermal Resistance, Junction to Ambient Air (Note 1)
RθJA
625
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Notes:
1.
Mounted on FR4 PC Board with recommended pad layout as shown on Diodes Inc., suggested pad layout document AP02001, which can be found on
our website at http://www.diodes.com/datasheets/ap02001.pdf
2.
No purposefully added lead. Halogen and Antimony Free.
3.
Product manufactured with Data Code V9 (week 33, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date
Code V9 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
B
R
2
SCHEMATIC DIAGRAM
E
C
B
C
H
G
D
K
C
B
E
Please click here to visit our online spice models database.


Similar Part No. - DDTC115GCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC115GCA DIODES-DDTC115GCA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30332 Rev. 2 - 2
DDTC115GCA DIODES-DDTC115GCA Datasheet
85Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30332 Rev. 5 - 2
DDTC115GCA-7 DIODES-DDTC115GCA-7 Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30332 Rev. 2 - 2
DDTC115GCA-7-F DIODES-DDTC115GCA-7-F Datasheet
85Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30332 Rev. 5 - 2
More results

Similar Description - DDTC115GCA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TCA DIODES-DDTC113TCA_2 Datasheet
123Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 6 - 2
DDTC123ECA DIODES-DDTC123ECA_2 Datasheet
120Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23
Rev. 9 - 2
DDTA113ZCA DIODES-DDTA113ZCA_2 Datasheet
133Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30334 Rev. 7 - 2
DDTA123ECA DIODES-DDTA123ECA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
Rev. 7 - 2
DDTA113TCA DIODES-DDTA113TCA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30335 Rev. 6 - 2
DDTA114GCA DIODES-DDTA114GCA_2 Datasheet
127Kb / 4P
   PNP PRE-BIASED SMALL SIGNAL SOT-23
DS30336 Rev. 7 - 2
DDTC113TCA DIODES-DDTC113TCA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30331 Rev. 2 - 2
DDTC113ZCA DIODES-DDTC113ZCA Datasheet
72Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30330 Rev. 2 - 2
DDTC123ECA DIODES-DDTC123ECA_1 Datasheet
75Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 8 - 2
DDTC123ECA DIODES-DDTC123ECA Datasheet
67Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SOT-23 SURFACE MOUNT TRANSISTOR
DS30329 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com