Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTC114EKA Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDTC114EKA
Description  NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC114EKA Datasheet(HTML) 2 Page - Diodes Incorporated

  DDTC114EKA Datasheet HTML 1Page - Diodes Incorporated DDTC114EKA Datasheet HTML 2Page - Diodes Incorporated DDTC114EKA Datasheet HTML 3Page - Diodes Incorporated DDTC114EKA Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DS30337 Rev. 8 - 2
2 of 4
www.diodes.com
DDTC (R1 = R2 SERIES) KA
© Diodes Incorporated
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Vl(off)
0.5
1.1
VCC = 5V, IO = 100μA
Input Voltage
Vl(on)
1.9
3
V
VO = 0.3V, IO = 20mA, DDTC123EKA
VO = 0.3V, IO = 20mA, DDTC143EKA
VO = 0.3V, IO = 10mA, DDTC114EKA
VO = 0.3V, IO = 5mA, DDTC124EKA
VO = 0.3V, IO = 2mA, DDTC144EKA
VO = 0.3V, IO = 1mA, DDTC115EKA
Output Voltage
VO(on)
0.1
0.3
V
IO/Il =10mA/0.5mA, DDTC123EKA
IO/Il =10mA/0.5mA, DDTC143EKA
IO/Il =10mA/0.5mA, DDTC114EKA
IO/Il =10mA/0.5mA, DDTC124EKA
IO/Il =10mA/0.5mA, DDTC144EKA
IO/Il =5mA/0.25mA, DDTC115EKA
Input Current
DDTC123EKA
DDTC143EKA
DDTC114EKA
DDTC124EKA
DDTC144EKA
DDTC115EKA
Il
3.8
1.8
0.88
0.36
0.18
0.15
mA
VI = 5V
Output Current
IO(off)
0.5
μA VCC = 50V, VI = 0V
DC Current Gain
DDTC123EKA
DDTC143EKA
DDTC114EKA
DDTC124EKA
DDTC144EKA
DDTC115EKA
Gl
20
20
30
56
68
82
VO = 5V, IO = 20mA
VO = 5V, IO = 10mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
VO = 5V, IO = 5mA
Input Resistor (R1) Tolerance
ΔR1
-30
+30
%
Resistance Ratio
R2/R1
0.8
1
1.2
Gain-Bandwidth Product*
fT
250
MHz
VCE = 10V, IE = 5mA,
f = 100MHz
* Transistor - For Reference Only


Similar Part No. - DDTC114EKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC114EKA DIODES-DDTC114EKA Datasheet
70Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30337 Rev. 3 - 2
DDTC114EKA DIODES-DDTC114EKA Datasheet
87Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30337 Rev. 7 - 2
DDTC114EKA-7 DIODES-DDTC114EKA-7 Datasheet
70Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30337 Rev. 3 - 2
DDTC114EKA-7-F DIODES-DDTC114EKA-7-F Datasheet
87Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30337 Rev. 7 - 2
More results

Similar Description - DDTC114EKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTC114ECAQ DIODES-ADTC114ECAQ Datasheet
336Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC143ZCAQ DIODES-ADTC143ZCAQ Datasheet
316Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC144EUAQ DIODES-ADTC144EUAQ Datasheet
461Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2 May 2021
DDTC113ZKA DIODES-DDTC113ZKA_2 Datasheet
146Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30338 Rev. 8 - 2
DDTC114GKA DIODES-DDTC114GKA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30340 Rev. 6 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com