Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDTC123JKA Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DDTC123JKA
Description  NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDTC123JKA Datasheet(HTML) 1 Page - Diodes Incorporated

  DDTC123JKA Datasheet HTML 1Page - Diodes Incorporated DDTC123JKA Datasheet HTML 2Page - Diodes Incorporated DDTC123JKA Datasheet HTML 3Page - Diodes Incorporated DDTC123JKA Datasheet HTML 4Page - Diodes Incorporated DDTC123JKA Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
DDTC (R1≠R2 SERIES) KA
NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
Epitaxial Planar Die Construction
Complementary PNP Types Available (DDTA)
Built-In Biasing Resistors, R1
≠R2
Lead Free/RoHS Compliant (Note 1)
"Green" Device, Note 2 and 3
Mechanical Data
Case: SC-59
Case Material: Molded Plastic, "Green" Molding
Compound, Note 3. UL Flammability Classification
Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020C
Terminals: Solderable per MIL-STD-202, Method 208
Lead Free Plating (Matte Tin Finish annealed over
Copper leadframe).
Terminal Connections: See Diagram
Marking Information: See Table Below & Page 5
Ordering Information: See Page 5
Weight: 0.006 grams (approximate)
P/N
R1 (NOM)
R2 (NOM)
Type
Code
DDTC113ZKA
DDTC123YKA
DDTC123JKA
DDTC143XKA
DDTC143FKA
DDTC143ZKA
DDTC114YKA
DDTC114WKA
DDTC124XKA
DDTC144VKA
DDTC144WKA
1K
Ω
2.2K
Ω
2.2K
Ω
4.7K
Ω
4.7K
Ω
4.7K
Ω
10K
Ω
10K
Ω
22K
Ω
47K
Ω
47K
Ω
10K
Ω
10K
Ω
47K
Ω
10K
Ω
22K
Ω
47K
Ω
47K
Ω
4.7K
Ω
47K
Ω
10K
Ω
22K
Ω
N02
N05
N06
N09
N10
N11
N14
N15
N18
N21
N22
SC-59
A
M
J
L
D
DS30338 Rev. 8 - 2
1 of 5
www.diodes.com
DDTC (R1
≠R2 SERIES) KA
© Diodes Incorporated
Dim
Min
Max
A
0.35
0.50
B
1.50
1.70
C
2.70
3.00
D
0.95
G
1.90
H
2.90
3.10
J
0.013
0.10
K
1.00
1.30
L
0.35
0.55
M
0.10
0.20
α
0
°
8
°
All Dimensions in mm
C
B
Notes:
1. No purposefully added Lead.
2. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
3. Product manufactured with Date Code 0627 (week 27, 2006) and newer are built with Green Molding Compound. Product manufactured prior to
Date Code 0627 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Schematic and Pin Configuration
Equivalent Inverter Circuit
R1
OUT
B
C
E
R2
3
2
1
IN
GND(0)
1
3
GND (0)
C
B
IN
OUT
E
H
K
G


Similar Part No. - DDTC123JKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC123JKA DIODES-DDTC123JKA Datasheet
71Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30338 Rev. 2 - 2
DDTC123JKA DIODES-DDTC123JKA Datasheet
94Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30338 Rev. 7 - 2
DDTC123JKA-7 DIODES-DDTC123JKA-7 Datasheet
71Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30338 Rev. 2 - 2
DDTC123JKA-7-F DIODES-DDTC123JKA-7-F Datasheet
94Kb / 5P
   NPN PRE-BIASED SMALL SIGNAL SC-59 SURFACE MOUNT TRANSISTOR
DS30338 Rev. 7 - 2
More results

Similar Description - DDTC123JKA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDTC113TUA DIODES-DDTC113TUA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
ADTC114YUAQ DIODES-ADTC114YUAQ Datasheet
457Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 October 2017
ADTC143TCAQ DIODES-ADTC143TCAQ Datasheet
275Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143ZUAQ DIODES-ADTC143ZUAQ Datasheet
381Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 2 - 2 September 2017
ADTC143TUAQ DIODES-ADTC143TUAQ Datasheet
371Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2016
DDTC113TE DIODES-DDTC113TE_2 Datasheet
177Kb / 4P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 6 - 2
ADTC114ECAQ DIODES-ADTC114ECAQ Datasheet
336Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC143ZCAQ DIODES-ADTC143ZCAQ Datasheet
316Kb / 7P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 1 - 2 September 2017
ADTC144EUAQ DIODES-ADTC144EUAQ Datasheet
461Kb / 6P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Rev. 3 - 2 May 2021
DDTC114GKA DIODES-DDTC114GKA_2 Datasheet
130Kb / 3P
   NPN PRE-BIASED SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30340 Rev. 6 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com