Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DCX124EK Datasheet(PDF) 9 Page - Diodes Incorporated

Part # DCX124EK
Description  DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DCX124EK Datasheet(HTML) 9 Page - Diodes Incorporated

Back Button DCX124EK Datasheet HTML 4Page - Diodes Incorporated DCX124EK Datasheet HTML 5Page - Diodes Incorporated DCX124EK Datasheet HTML 6Page - Diodes Incorporated DCX124EK Datasheet HTML 7Page - Diodes Incorporated DCX124EK Datasheet HTML 8Page - Diodes Incorporated DCX124EK Datasheet HTML 9Page - Diodes Incorporated DCX124EK Datasheet HTML 10Page - Diodes Incorporated DCX124EK Datasheet HTML 11Page - Diodes Incorporated DCX124EK Datasheet HTML 12Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
DCX (xxxx) K
Typical Curves – DCX114TK
PNP Section
1,000
DCX (xxxx) K
Document number: DS30350 Rev. 6 - 2
9 of 12
www.diodes.com
October 2008
© Diodes Incorporated
10
100
1
110
100
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
Fig. 25 Typical Collector Emitter Saturation Voltage
vs. Collector Current
C
I/I = 10
CB
T = -25 C
A
°
T = 75 C
A
°
T = 25 C
A
°
I , COLLECTOR CURRENT (mA)
Fig. 24 Typical DC Current Gain vs. Collector Current
C
V , REVERSE VOLTAGE (V)
Fig. 26 Typical Capacitance Characteristics
R
I = 0mA
E
Cobo
0.01
0.1
1
10
100
01
2
3
4
89
10
V , INPUT VOLTAGE (V)
Fig. 27 Collector Current vs. Input Voltage
in
T = -25°C
A
5
67
T = 75°C
A
T = 25°C
A
0.001
0.1
1
10
0
10
203040
I , COLLECTOR CURRENT (mA)
Fig. 28 Input Voltage vs. Collector Current
C
50
V
= 0.2
O
T = 25°C
A


Similar Part No. - DCX124EK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX124EK DIODES-DCX124EK Datasheet
119Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 2 - 2
DCX124EK DIODES-DCX124EK Datasheet
181Kb / 11P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 5 - 2
DCX124EK DIODES-DCX124EK Datasheet
380Kb / 12P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
DCX124EK DIODES-DCX124EK Datasheet
593Kb / 13P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR IN SOT26
Rev. 7 - 2 September 2021
DCX124EK-7 DIODES-DCX124EK-7 Datasheet
119Kb / 8P
   COMPLEMENTARY NPN/PNP PRE-BIASED SMALL SIGNAL SC-74R DUAL SURFACE MOUNT TRANSISTOR
DS30350 Rev. 2 - 2
More results

Similar Description - DCX124EK

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DCX124EK-7-F DIODES-DCX124EK-7-F Datasheet
380Kb / 12P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR
ACX124EUQ DIODES-ACX124EUQ Datasheet
451Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 3 - 2 March 2017
DCXXXXXK DIODES-DCXXXXXK Datasheet
593Kb / 13P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTOR IN SOT26
Rev. 7 - 2 September 2021
ACX143ZUQ DIODES-ACX143ZUQ Datasheet
397Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 2 - 2 September 2017
DCX124EU DIODES-DCX124EU_2 Datasheet
400Kb / 12P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 11 - 2
DCXXXXXU DIODES-DCXXXXXU Datasheet
1Mb / 14P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
December 2021
UMC5N DIODES-UMC5N Datasheet
290Kb / 4P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
UMC5NQ DIODES-UMC5NQ Datasheet
436Kb / 6P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
February 2017 Rev. 1 - 2
DCX124EU DIODES-DCX124EU_1 Datasheet
618Kb / 11P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
DS30347 Rev. 8 - 2
ACX114EUQ DIODES-ACX114EUQ Datasheet
427Kb / 8P
   SMALL SIGNAL COMPLEMENTARY PRE-BIASED DUAL TRANSISTOR
Rev. 1 - 2 September 2017
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com