Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AD8361ARMZ1 Datasheet(PDF) 8 Page - Analog Devices

Part # AD8361ARMZ1
Description  LF to 2.5 GHz TruPwr??Detector
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8361ARMZ1 Datasheet(HTML) 8 Page - Analog Devices

Back Button AD8361ARMZ1 Datasheet HTML 4Page - Analog Devices AD8361ARMZ1 Datasheet HTML 5Page - Analog Devices AD8361ARMZ1 Datasheet HTML 6Page - Analog Devices AD8361ARMZ1 Datasheet HTML 7Page - Analog Devices AD8361ARMZ1 Datasheet HTML 8Page - Analog Devices AD8361ARMZ1 Datasheet HTML 9Page - Analog Devices AD8361ARMZ1 Datasheet HTML 10Page - Analog Devices AD8361ARMZ1 Datasheet HTML 11Page - Analog Devices AD8361ARMZ1 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
AD8361
Rev. C | Page 8 of 24
TEMPERATURE (°C)
–0.02
40
–40
–20
0
20
0.03
0.01
0.00
–0.01
0.02
–0.03
–0.04
–0.05
60
80
100
MEAN
±3 SIGMA
Figure 18. Output Reference Change vs. Temperature,
Supply 3 V, Ground Reference Mode
TEMPERATURE (°C)
–0.01
40
–40
–20
0
20
0.02
0.01
0.00
–0.02
–0.03
60
80
100
MEAN
±3 SIGMA
Figure 19. Output Reference Change vs. Temperature, Supply 3 V,
Internal Reference Mode (MSOP Only)
TEMPERATURE (°C)
–0.02
40
–40
–20
0
20
0.03
0.01
0.00
–0.01
0.02
–0.03
–0.04
–0.05
60
80
100
MEAN
±3 SIGMA
Figure 20. Output Reference Change vs. Temperature, Supply 3 V,
Supply Reference Mode (MSOP Only)
TEMPERATURE (°C)
0.02
40
–40
–20
0
20
0.12
0.08
0.06
0.04
0.10
0.00
–0.02
–0.04
60
80
100
MEAN
±3 SIGMA
–0.06
0.14
0.16
0.18
Figure 21. Conversion Gain Change vs. Temperature, Supply 3 V,
Ground Reference Mode, Frequency 900 MHz
TEMPERATURE (°C)
0.02
40
–40
–20
0
20
0.12
0.08
0.06
0.04
0.10
0.00
–0.02
–0.04
60
80
100
MEAN
±3 SIGMA
–0.06
0.14
0.16
0.18
Figure 22. Conversion Gain Change vs. Temperature, Supply 3 V,
Internal Reference Mode, Frequency 900 MHz (MSOP Only)
TEMPERATURE (°C)
0.02
40
–40
–20
0
20
0.12
0.08
0.06
0.04
0.10
0.00
–0.02
–0.04
60
80
100
MEAN
±3 SIGMA
–0.06
0.14
0.16
0.18
Figure 23. Conversion Gain Change vs. Temperature, Supply 3 V,
Supply Reference Mode, Frequency 900 MHz (MSOP Only)


Similar Part No. - AD8361ARMZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361ARMZ AD-AD8361ARMZ Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
AD8361ARMZ AD-AD8361ARMZ Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361ARMZ-REEL AD-AD8361ARMZ-REEL Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
AD8361ARMZ-REEL AD-AD8361ARMZ-REEL Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361ARMZ-REEL7 AD-AD8361ARMZ-REEL7 Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
More results

Similar Description - AD8361ARMZ1

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD8361ART AD-AD8361ART Datasheet
726Kb / 24P
   LF to 2.5 GHz TruPwr Detector
REV. C
AD8361 AD-AD8361_15 Datasheet
502Kb / 22P
   LF to 2.5 GHz TruPwr Detector
AD8361 AD-AD8361 Datasheet
306Kb / 16P
   LF to 2.5 GHz TruPwr??Detector
REV. A
AD8364 AD-AD8364 Datasheet
2Mb / 48P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. 0
AD8364 AD-AD8364_16 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
AD8364 AD-AD8364_15 Datasheet
1Mb / 44P
   LF to 2.7 GHz Dual 60 dB TruPwr Detector
REV. B
ADL5501 AD-ADL5501_15 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501_09 Datasheet
2Mb / 28P
   50 MHz to 6 GHz TruPwr Detector
REV. B
ADL5501 AD-ADL5501 Datasheet
1Mb / 28P
   50 MHz to 4 GHz TruPwr Detector
REV. 0
ADL5500 AD-ADL5500_15 Datasheet
1Mb / 24P
   100 MHz to 6 GHz TruPwr Detector
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com