Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DIMD10A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DIMD10A
Description  DUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DIMD10A Datasheet(HTML) 2 Page - Diodes Incorporated

  DIMD10A_10 Datasheet HTML 1Page - Diodes Incorporated DIMD10A_10 Datasheet HTML 2Page - Diodes Incorporated DIMD10A_10 Datasheet HTML 3Page - Diodes Incorporated DIMD10A_10 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DIMD10A
Document number: DS30391 Rev. 5 - 2
2 of 4
www.diodes.com
September 2010
© Diodes Incorporated
DIMD10A
Electrical Characteristics NPN Section Tr2 @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage
BVCBO
50
V
IC = 50μA
Collector-Emitter Breakdown Voltage
BVCEO
50
V
IC = 1mA
Emitter-Base Breakdown Voltage
BVEBO
5
V
IE = 50μA
Collector Cutoff Current
ICBO
0.5
μA
VCB = 50V
Emitter Cutoff Current
IEBO
0.5
μA
VEB = 4V
Collector-Emitter Saturation Voltage
VCE(SAT)
0.3
V
IC/IB = 10mA / 1.0mA
DC Current Transfer Ratio
hFE
100
250
600
IC = 1mA, VCE = 5V
Gain-Bandwidth Product (Note 3)
fT
250
MHz
VCE = 10V, IE = -5mA, f = 100MHz
Notes:
3. Transistor - For Reference Only
Typical Curves - Tr2
-50
050
100
150
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Power Dissipation vs. Ambient Temperature
A
°
10
1,000
100
1
110
100
I , COLLECTOR CURRENT (mA)
Fig. 2 Typical DC Current Gain vs. Collector Current
C
V
= 10
CE
0.001
0.01
0.1
1
0
10
20
30
40
50
I , COLLECTOR CURRENT (mA)
Fig. 3 Typical Collector Emitter Saturation Voltage
vs. Collector Current
C
I/I = 10
CB
-25 C
°
75 C
°
25 C
°
0
1
2
3
4
0
20
30
V , REVERSE VOLTAGE (V)
Fig. 4 Typical Capacitance Characteristics
R
10
5
15
25
I = 0mA
E
C
obo


Similar Part No. - DIMD10A_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DIMD10A-7 DIODES-DIMD10A-7 Datasheet
216Kb / 4P
   DUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT
DS30391 Rev. 4 - 2
More results

Similar Description - DIMD10A_10

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MIMD10A DIODES-MIMD10A Datasheet
83Kb / 3P
   DUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT
DS30381 Rev. 5 - 2
MIMD10A DIODES-MIMD10A_2 Datasheet
192Kb / 4P
   DUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT
DS30381 Rev. 8 - 2
DIMD10A DIODES-DIMD10A Datasheet
216Kb / 4P
   DUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT
DS30391 Rev. 4 - 2
MIMD10A DIODES-MIMD10A_1 Datasheet
90Kb / 4P
   DUAL PRE-BIASED TRANSISTORS FOR POWER MANAGEMENT
DS30381 Rev. 6 - 2
UMC4NQ DIODES-UMC4NQ Datasheet
405Kb / 6P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
Rev. 1 - 2 February 2017
UMC5N DIODES-UMC5N Datasheet
290Kb / 4P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
UMC5NQ DIODES-UMC5NQ Datasheet
436Kb / 6P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
February 2017 Rev. 1 - 2
DCX100NS DIODES-DCX100NS_1 Datasheet
330Kb / 7P
   100mA DUAL PRE-BIASED TRANSISTORS
UMC4N DIODES-UMC4N Datasheet
293Kb / 4P
   DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DCX4710H DIODES-DCX4710H Datasheet
132Kb / 8P
   100mA DUAL COMPLEMENTARY PRE-BIASED TRANSISTORS
DS30871 Rev. 3 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com