Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZX7V5C Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DDZX7V5C
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX7V5C Datasheet(HTML) 6 Page - Diodes Incorporated

  DDZX7V5C Datasheet HTML 1Page - Diodes Incorporated DDZX7V5C Datasheet HTML 2Page - Diodes Incorporated DDZX7V5C Datasheet HTML 3Page - Diodes Incorporated DDZX7V5C Datasheet HTML 4Page - Diodes Incorporated DDZX7V5C Datasheet HTML 5Page - Diodes Incorporated DDZX7V5C Datasheet HTML 6Page - Diodes Incorporated DDZX7V5C Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
DDZX5V1B - DDZX43
Document number: DS30408 Rev. 8 - 2
6 of 7
www.diodes.com
April 2010
© Diodes Incorporated
DDZX5V1B - DDZX43
Ordering Information (Note 8)
Part Number
Case
Packaging
(Type Number)-7 (Note 9)
SOT-23
3,000/Tape & Reel
(Type Number)-13 (Note 10)
SOT-23
10,000/Tape & Reel
Notes:
8. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
9. Add “-7” to the appropriate type number in Electrical Characteristics Table on Page 2. Example: 6.2V Zener = DDZX6V2B-7.
10. Add “-13” to the appropriate type number in Electrical Characteristics Table on Page 2. Example: 10V Zener = DDZX10C-13. Please note: Not all
voltages are available in 13” reel size. Please contact the Diodes Inc. Sales Department for assistance in ordering 13” reel size devices.
Marking Information
Date Code Key
Year
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
Suggested Pad Layout
SOT-23
Dim
Min
Max
Typ
A
0.37
0.51
0.40
B
1.20
1.40
1.30
C
2.30
2.50
2.40
D
0.89
1.03
0.915
F
0.45
0.60
0.535
G
1.78
2.05
1.83
H
2.80
3.00
2.90
J
0.013
0.10
0.05
K
0.903
1.10
1.00
K1
-
-
0.400
L
0.45
0.61
0.55
M
0.085
0.18
0.11
α
-
All Dimensions in mm
Dimensions
Value (in mm)
Z
2.9
X
0.8
Y
0.9
C
2.0
E
1.35
Kxx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: T = 2006)
M = Month (ex: 9 = September)
X
E
Y
C
Z
Kxx
A
M
J
L
D
F
B C
H
K
G
K1


Similar Part No. - DDZX7V5C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZX7V5C DIODES-DDZX7V5C Datasheet
175Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 1 - 2
DDZX7V5C DIODES-DDZX7V5C Datasheet
178Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 5 - 2
DDZX7V5C DIODES-DDZX7V5C Datasheet
321Kb / 8P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZX7V5C-7 DIODES-DDZX7V5C-7 Datasheet
178Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30408 Rev. 5 - 2
DDZX7V5CTS DIODES-DDZX7V5CTS Datasheet
174Kb / 6P
   TRIPLE SURFACE MOUNT PRECISION ZENER DIODE ARRAY
DS30416 Rev. 2 - 2
More results

Similar Description - DDZX7V5C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com