Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DDZ5V1BS Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZ5V1BS
Description  SURFACE MOUNT PRECISION ZENER DIODE
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ5V1BS Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZ5V1BS Datasheet HTML 1Page - Diodes Incorporated DDZ5V1BS Datasheet HTML 2Page - Diodes Incorporated DDZ5V1BS Datasheet HTML 3Page - Diodes Incorporated DDZ5V1BS Datasheet HTML 4Page - Diodes Incorporated DDZ5V1BS Datasheet HTML 5Page - Diodes Incorporated DDZ5V1BS Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DDZ5V1BS - DDZ43S
Electrical Characteristics @TA = 25°C unless otherwise specified
Zener Voltage Range
(Notes 4, 5)
Maximum Zener Impedance
(Note 6)
Maximum Reverse
Current (Note 7)
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR
@ VR
Type Number
Marking Code
Min (V)
Max (V)
mA
Ω
mA
uA
V
DDZ5V1BS
KM
4.94
5.20
20
17
480
1
5
1.5
DDZ5V6BS
KN
5.45
5.73
20
11
400
1
0.5
2.5
DDZ6V2BS
KO
5.96
6.27
20
7
150
1
0.5
4.0
DDZ6V8CS
YP
6.66
7.01
20
5
150
0.5
0.1
5.0
DDZ7V5CS
YQ
7.29
7.67
20
6
120
0.5
0.1
6.0
DDZ8V2CS
YR
8.03
8.45
20
8
120
0.5
0.1
6.5
DDZ9V1CS
YS
8.83
9.30
20
8
120
0.5
0.1
7.0
DDZ10CS
YT
9.70
10.20
20
8
120
0.5
0.1
8.0
DDZ11CS
YU
10.82
11.38
10
10
120
0.5
0.1
8.4
DDZ12CS
YV
11.74
12.35
10
12
110
0.5
0.1
9.1
DDZ13BS
KW
12.55
13.21
10
14
110
0.5
0.1
10.0
DDZ14S
GX
13.65
14.35
10
16
110
0.5
0.05
11.0
DDZ15S
GY
14.80
15.57
10
18
150
0.5
0.05
12.0
DDZ16S
YY
15.69
16.51
10
18
150
0.5
0.05
12.0
DDZ18CS
YZ
17.42
18.33
10
23
150
0.5
0.05
14.0
DDZ20CS
PJ
19.23
20.22
10
28
200
0.5
0.05
15.0
DDZ22DS
2K
21.52
22.63
5
30
200
0.5
0.05
17.0
DDZ24CS
PL
23.12
24.31
5
35
200
0.5
0.05
19.0
DDZ27DS
2M
26.29
27.64
5
45
250
0.5
0.05
21.0
DDZ30DS
2N
29.02
30.51
5
55
250
0.5
0.05
23.0
DDZ33S
RP
32.14
33.79
5
75
250
0.5
0.05
27.0
DDZ36S
ZQ
35.36
37.19
5
85
250
0.5
0.05
30.0
DDZ39FS
5Q
38.02
39.98
5
85
250
0.5
0.05
30.0
DDZ43S
ZR
42.14
43.86
5
90
0.05
33.0
Notes:
4. The Zener voltage is measured 40ms after power is supplied.
5. For inquiries on tighter tolerances, or alternate nominal zener voltages, please contact your Diodes Inc. sales representative for availability and minimum
order details.
6. f = 1kHz.
7. Short duration pulse test used to minimize self-heating effect.
500
T , AMBIENT TEMPERATURE (°C)
Fig. 1 Power Derating Curve
A
250
125
375
0
625
0
100
200
0
0.2
0.4
0.6
0.8
1.2
1.0
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 2 Typical Forward Characteristics
F
100
10
1.0
0.1
0.01
1,000
DDZ5V1BS - DDZ43S
Document number: DS30414 Rev. 6 - 2
2 of 6
www.diodes.com
June 2008
© Diodes Incorporated


Similar Part No. - DDZ5V1BS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
273Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1BS-7 DIODES-DDZ5V1BS-7 Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
DDZ5V1BSF DIODES-DDZ5V1BSF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1BSF DIODES-DDZ5V1BSF Datasheet
115Kb / 6P
   0.5W SURFACE MOUNT PRECISION ZENER DIODE
More results

Similar Description - DDZ5V1BS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DDZ9693 DIODES-DDZ9693 Datasheet
187Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 2 - 2
BZT585B2V4T DIODES-BZT585B2V4T Datasheet
195Kb / 4P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ9681 DIODES-DDZ9681_1 Datasheet
191Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 9 - 2
DDZ9689T DIODES-DDZ9689T Datasheet
719Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30553 Rev. 3 - 2
DDZ5V1BS DIODES-DDZ5V1BS Datasheet
176Kb / 6P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30414 Rev. 4 - 2
D3Z2V4BF DIODES-D3Z2V4BF_16 Datasheet
179Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_08 Datasheet
237Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30407 Rev. 11 - 2
DDZ9678 DIODES-DDZ9678 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DS30410 Rev. 14 - 2
DDZX5V6AQ DIODES-DDZX5V6AQ Datasheet
567Kb / 5P
   SURFACE MOUNT PRECISION ZENER DIODE
May 2022 Rev. 3 - 2
DS30410 DIODES-DS30410 Datasheet
178Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
DDZ5V1B DIODES-DDZ5V1B_12 Datasheet
174Kb / 7P
   SURFACE MOUNT PRECISION ZENER DIODE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com