Electronic Components Datasheet Search |
|
PEC11L-4115K-N0015 Datasheet(PDF) 1 Page - Bourns Electronic Solutions |
|
PEC11L-4115K-N0015 Datasheet(HTML) 1 Page - Bourns Electronic Solutions |
1 / 2 page Features ■ Push switch option ■ Compact, low profile ■ High reliability ■ Metal bushing/shaft ■ RoHS compliant* PEC11L Series - 11 mm Low Profile Encoder *RoHS Directive 2002/95/EC Jan 27, 2003 including Annex. **Devices are tested using standard noise reduction filters. For optimum performance, designers should use noise reduction filters in their circuits. Specifications are subject to change without notice. Customers should verify actual device performance in their specific applications. Electrical Characteristics Output ............................................................................................................................................................................................................ 2-bit gray code Closed Circuit Resistance ................................................................................................................................................................100 milliohms maximum Contact Rating .............................................................................................................................................................................................. 10 mA @ 5 VDC Insulation Resistance ....................................................................................................................................................................100 megohms @ 250 VDC Dielectric Withstanding Voltage Sea Level ............................................................................................................................................................................................... 300 VAC minimum Electrical Travel..................................................................................................................................................................................................... Continuous Contact Bounce (60 RPM)..........................................................................................................................................................................10 ms maximum** RPM (Operating).............................................................................................................................................................................................. 60 maximum** Environmental Characteristics Operating Temperature Range ...................................................................................................................................... -30 °C to +70 °C (-22 °F to +158 °F) Storage Temperature Range ......................................................................................................................................... -40 °C to +85 °C (-40 °F to +185 °F) Humidity ............................................................................................................................................................... MIL-STD-202, Method 103B, Condition A Vibration .......................................................................................................................................................................................................................... 30 G Contact Bounce............................................................................................................................................... 10~55~10 Hz / 1 min. / Amplitude 1.5 mm Shock ............................................................................................................................................................................................................................ 100 G Rotational Life .................................................................................................................................................................................100,000 cycles minimum IP Rating ..........................................................................................................................................................................................................................IP 40 Mechanical Characteristics Mechanical Angle .........................................................................................................................................................................................360 ° continuous Torque Detent ...............................................................................................................................................................................20-150 gf-cm (0.27 to 2.0 oz-in) Running ........................................................................................................................................................................ 50 to 200 gf-cm (0.68 to 2.7 oz-in) Mounting............................................................................................................................................................................... 70 N-cm (6.2 lb-in) maximum Shaft Side Load (Static)................................................................................................................................................................ 2.04 kgf (4.5 lbs) minimum Shaft Strength (Push-Pull) ..............................................................................................................................................................................100 N (22.5 lbs) Weight ............................................................................................................................................................................................. 5 gm (0.17 oz) maximum Terminals ................................................................................................................................................................................ Printed circuit board terminals Soldering Condition Wave Soldering........................................................................... Sn95.5/Ag2.8/Cu0.7 solder with no-clean flux: 260 °C ±5 °C max. for 3-5 seconds Hand Soldering.................................................................................................................................................................................Not recommended Hardware ...................................................................................................................... One flat washer and one mounting nut supplied with each encoder Switch Characteristics Switch Type ................................................................................................................................................................... Contact Push ON Momentary SPST Switch Life.........................................................................................................................................................................................20,000 cycles minimum Power Rating (Resistive Load) ..................................................................................................................................................................... 10 mA at 5 V DC Switch Travel ......................................................................................................................................................................................................0.5 ± 0.3 mm Switch Actuation Force ...................................................................................................................................................... 610 ± 306 gf (8.47 ± 4.24 oz.-in.) How To Order PEC11L - 4 0 20 F - S 0015 Model Terminal Configuration 4 = PC Pin Horizontal/Rear Facing Detent Option 0 = No Detents (15, 20 pulses) 1 = 20 Detents (20 pulses) 2 = 30 Detents (15 pulses) 3 = 15 Detents (15 pulses) Standard Shaft Length 15 = 15.0 mm 20 = 20.0 mm 25 = 25.0 mm Shaft Style F = Metal Flatted Shaft K = Metal Knurled Shaft Switch Configuration S = Push Momentary Switch N = No Switch Resolution 0015 = 15 Pulses per 360 ° Rotation 0020 = 20 Pulses per 360 ° Rotation |
Similar Part No. - PEC11L-4115K-N0015 |
|
Similar Description - PEC11L-4115K-N0015 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |