Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PEC11L-4125K-N0015 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # PEC11L-4125K-N0015
Description  PEC11L Series - 11 mm Low Profi le Encoder
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

PEC11L-4125K-N0015 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  PEC11L-4125K-N0015 Datasheet HTML 1Page - Bourns Electronic Solutions PEC11L-4125K-N0015 Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
12.8
(.504)
11.8
(.465)
13.2
(.520)
F
L ± 0.5
(L ± .020)
0.75
(.030)
M7XP
3 PLCS.
0.5
(.020)
C
1.0 +0.2/-0
(.039 +.008/-0)
DIA. 3 PLCS.
1.4
(.055)
2.1
(.083)
2.0
(.079)
7.5
(.295)
6.0
(.236)
6.0
(.236)
7.5
(.295)
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
5.0
(.197)
5.0
(.197)
5.0
(.197)
4.5
(.177)
DIA.
L
A
C
P
18 TEETH
KNURLED
5.0
(.197)
1.0
(.039)
6.0 +0/-0.1
(.236 +0/-.004)
AC
B
12.8
(.504)
11.8
(.465)
5.0
(.197)
13.2
(.520)
F
L ± 0.5
(L ± .020)
0.75
(.030)
M7XP
SWITCH TRAVEL
0.5 +0.4/-0.3
(.020 +.016/-.012)
1.0 +0.2/-0
(.039 +.008/-0)
DIA. 5 PLCS.
1.4
(.055)
2.1
(.083)
SW
A
12
CB
2.0
(.079)
7.5
(.295)
7.0
(.276)
6.0
(.236)
6.0
(.236)
7.5
(.295)
7.0
(.276)
4.5
(.177)
6.0 +0/-0.1
(.236 +0/-.004)
DIA.
5.0
(.197)
5.0
(.197)
5.0
(.197)
3.7
(.146)
3.7
(.146)
4.5
(.177)
PEC11L-4xxxF-Sxxxx
PEC11L-4xxxF-Nxxxx
3.7
(.146)
0.8
(.031)
13.6
(.535)
REV. 12/10
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
PEC11L Series - 11 mm Low Profile Encoder
Product Dimensions
DIMENSIONS:
MM
(INCHES)
LF
P
A
C
15
(.591)
7.0
(.276)
7.0
(.276)
6.0
(.236)
7.0
(.276)
20
(.787)
10.0
(.394)
7.0
(.276)
6.0
(.236)
7.0
(.276)
25
(.984)
12.0
(.472)
12.0
(.472)
10.0
(.394)
11.0
(.433)
Applications
Level control, tuning and timer settings in:
Audio-visual equipment
Consumer electric appliances
Environmental controls
Musical instrumentation
Communications equipment
Quadrature Output Table
A Signal
CW
D
ON
OFF
B Signal
Suggested Filter Circuit
Switch Circuit
12
5 VDC
10K OHMS
10K OHMS
10K OHMS
10K OHMS
TERMINAL B
TERMINAL C
TERMINAL A
0.01
μF
0.01
μF
ENCODER
Dim.
Tol.
<10.0
(<.394)
±0.3
(±.012)
10.0 ~ 100
(.394 ~ 3.937)
±0.5
(±.020)


Similar Part No. - PEC11L-4125K-N0015

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11L-4125K-N0015 BOURNS-PEC11L-4125K-N0015 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
More results

Similar Description - PEC11L-4125K-N0015

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
PEC11L BOURNS-PEC11L_13 Datasheet
220Kb / 2P
   11 mm Low Profi le Encoder
logo
GREATECS
EC1 GREATECS-EC1 Datasheet
112Kb / 1P
   Low Profi le SMT Encoder Switches with 8 Sections
logo
Bourns Electronic Solut...
PTA1543-2010DPB203 BOURNS-PTA1543-2010DPB203_14 Datasheet
374Kb / 2P
   Low Profi le Slide Potentiometer
logo
Panasonic Semiconductor
ELT5KT220L PANASONIC-ELT5KT220L Datasheet
92Kb / 2P
   Voltage Step-up Coils High inductance, low profi le choke coil Low profi le (H=1.2 mm max.)
logo
Bourns Electronic Solut...
PTB0143-2010BPA102 BOURNS-PTB0143-2010BPA102 Datasheet
320Kb / 2P
   Low Profi le Slide Potentiometer
logo
Panasonic Semiconductor
EVM-2NSX80B55 PANASONIC-EVM-2NSX80B55 Datasheet
83Kb / 2P
   2 mm Square Low-Profi le SMT Trimmer Potentiometers
logo
Bourns Electronic Solut...
PTE45-152A-103B2 BOURNS-PTE45-152A-103B2 Datasheet
286Kb / 3P
   PTE Series Low Profi le Slide Potentiometer
PTA6043-2015DPB103 BOURNS-PTA6043-2015DPB103 Datasheet
373Kb / 2P
   PTA Series - Low Profi le Slide Potentiometer
logo
Power System Technology
FAB0502019 PST-FAB0502019 Datasheet
237Kb / 3P
   Chassis mounting applications, low profi le
logo
TDK Electronics
SWS600L TDK-SWS600L Datasheet
397Kb / 2P
   Single Output Low Profi le Power Supplies
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com