Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ATA5021-TAPY Datasheet(PDF) 5 Page - ATMEL Corporation

Part # ATA5021-TAPY
Description  Low Current Consumption: IVDD < 25 關A
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATA5021-TAPY Datasheet(HTML) 5 Page - ATMEL Corporation

  ATA5021-TAPY Datasheet HTML 1Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 2Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 3Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 4Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 5Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 6Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 7Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 8Page - ATMEL Corporation ATA5021-TAPY Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
9145D–AUTO–05/10
ATA5021
The clock frequency determines all time periods of the logical part as shown in Section 7. “Elec-
trical Characteristics” on page 9 under the subheading “Timing”.
3.3
Supply Voltage Monitoring, Pin 5
During ramp-up of the supply voltage and in the case of supply-voltage drops, the integrated
power-on reset (POR) circuitry sets the internal logic to a defined basic status and generates a
reset pulse at the reset output, pin 5. A hysteresis in the POR threshold prevents the circuit from
oscillating. During ramp-up of the supply voltage, the reset output stays active for a specified
period of time (t
0) in order to bring the microcontroller into its defined reset status (see Figure 3-1
on page 5).
3.4
Switch-over Mode Time, Pin 3
The switch-over mode time enables the synchronous operation of microcontroller and watchdog.
When the power-on reset time has elapsed, the watchdog has to be switched to monitoring
mode by the microcontroller by a “low” signal transmitted to the mode pin (pin 3) within the
time-out period, t
1. If the low signal does not occur within t1 (see Figure 3-1 on page 5), the
watchdog generates a reset pulse, t
6, and t1 starts again. Microcontroller and watchdog are syn-
chronized with the switch-over mode time, t
1, each time a reset pulse is generated.
Figure 3-1.
Power-on Reset and Switch-over Mode
81.20
0.47
63.47
63.75
1.6%
81.20
1.04
136.32
135.00
1.9%
81.20
4.75
595.56
592.50
0.7%
81.20
10.49
1253.21
1240.00
1.3%
100.00
0.23
40.07
38.88
–2.1%
100.00
0.47
78.07
78.00
1.2%
100.00
1.04
167.76
164.00
–1.7%
100.00
4.75
733.17
730.00
0.9%
100.00
10.49
1542.84
1530.00
0.5%
119.50
0.23
47.81
46.38
–1.7%
119.50
0.47
93.20
93.00
0.8%
119.50
1.04
200.37
200.25
1.1%
119.50
4.75
875.90
870.00
0.5%
119.50
10.49
1843.26
1835.00
0.9%
Table 3-1.
Comparison Table Clock Period Calculation versus Measurement on Test Board
R1 (k
Ω)C1 (nF)
Period “T” (µs) by
New Formula
Period “T” (µs) by
Measurement
Deviation of New
Formula versus
Measurement
VDD
Reset out
Mode
Pin 3
Pin 5
Pin 6
t0
t1
t6


Similar Part No. - ATA5021-TAPY

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATA5275 ATMEL-ATA5275 Datasheet
324Kb / 16P
   125 kHz TRANSMITTER IC FOR TPM
ATA5275-PGQ ATMEL-ATA5275-PGQ Datasheet
324Kb / 16P
   125 kHz TRANSMITTER IC FOR TPM
ATA5276 ATMEL-ATA5276 Datasheet
398Kb / 18P
   125 kHz Transmitter IC for TPM
ATA5277 ATMEL-ATA5277 Datasheet
330Kb / 20P
   STAND-ALONE ANTENNA DRIVER
ATA5278 ATMEL-ATA5278 Datasheet
484Kb / 33P
   STAND-ALONE ANTENNA DRIVER
More results

Similar Description - ATA5021-TAPY

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TLE7469 INFINEON-TLE7469_08 Datasheet
284Kb / 21P
   Dual Low Drop Voltage Regulator Ultra low quiescent current consumption < 55 關A
Rev. 1.6, 2008-01-22
logo
Rohm
BD7602GUL ROHM-BD7602GUL Datasheet
1Mb / 25P
   Low current consumption
logo
Seiko Instruments Inc
S-5716ANDL0-M3T1U SII-S-5716ANDL0-M3T1U Datasheet
1Mb / 28P
   LOW CURRENT CONSUMPTION
logo
SHANGHAI BELLING CO., L...
BL1240 BELLING-BL1240 Datasheet
148Kb / 5P
   Low current consumption
logo
IK Semicon Co., Ltd
ILE4276 IKSEMICON-ILE4276 Datasheet
408Kb / 6P
   Low consumption current
logo
RF Micro Devices
RFFC506X RFMD-RFFC506X Datasheet
4Mb / 25P
   Low Current Consumption
logo
Abracon Corporation
ASDSERIES ABRACON-ASDSERIES Datasheet
884Kb / 4P
   Low current consumption
01.19.15
logo
Anaren Microwave
A20737C ANAREN-A20737C Datasheet
674Kb / 2P
   Low Current Consumption
logo
Seiko Instruments Inc
S-35710B01A-K8T2U SII-S-35710B01A-K8T2U Datasheet
2Mb / 33P
   Low current consumption
S-35720C01A-K8T2U SII-S-35720C01A-K8T2U Datasheet
1Mb / 21P
   Low current consumption
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com