Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BC857BV-7 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # BC857BV-7
Description  PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BC857BV-7 Datasheet(HTML) 1 Page - Diodes Incorporated

  BC857BV-7 Datasheet HTML 1Page - Diodes Incorporated BC857BV-7 Datasheet HTML 2Page - Diodes Incorporated BC857BV-7 Datasheet HTML 3Page - Diodes Incorporated BC857BV-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
BC857BV
Document number: DS30433 Rev. 5 - 2
1 of 4
www.diodes.com
April 2009
© Diodes Incorporated
BC857BV
PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
Features
Epitaxial Die Construction
Complementary PNP Type Available (BC847BV)
Ultra-Small Surface Mount Package
Lead Free By Design/RoHS Compliant (Note 3)
"Green" Device (Notes 5 and 6)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: SOT-563
Case Material: Molded Plastic, “Green” Molding Compound,
Note 6. UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020D
Terminal Connections: See Diagram
Terminals: Finish - Matte Tin annealed over Alloy 42 leadframe.
Solderable per MIL-STD-202, Method 208
Marking Information: See Page 2
Ordering Information: See Page 2
Weight: 0.003 grams (approximate)
Maximum Ratings @TA = 25°C unless otherwise specified
Characteristic
Symbol
Value
Unit
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-45
V
Emitter-Base Voltage
VEBO
-5.0
V
Collector Current
IC
-100
mA
Thermal Characteristics
Characteristic
Symbol
Value
Unit
Power Dissipation (Note 2)
PD
150
mW
Thermal Resistance, Junction to Ambient (Note 2)
RθJA
833
°C/W
Operating and Storage Temperature Range
TJ, TSTG
-55 to +150
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Collector-Base Breakdown Voltage (Note 4)
V(BR)CBO
-50
V
IC = 10μA, IB = 0
Collector-Emitter Breakdown Voltage (Note 4)
V(BR)CEO
-45
V
IC = 10mA, IB = 0
Emitter-Base Breakdown Voltage (Note 4)
V(BR)EBO
-5
V
IE = 1μA, IC = 0
DC Current Gain (Note 4)
hFE
220
290
475
VCE = -5.0V, IC = -2.0mA
Collector-Emitter Saturation Voltage (Note 4)
VCE(SAT)
-100
-400
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Saturation Voltage (Note 4)
VBE(SAT)
-700
-900
mV
IC = -10mA, IB = -0.5mA
IC = -100mA, IB = -5.0mA
Base-Emitter Voltage (Note 4)
VBE(ON)
-600
-750
-820
mV
VCE = -5.0V, IC = -2.0mA
VCE = -5.0V, IC = -10mA
Collector-Cutoff Current (Note 4)
ICBO
-15
-4.0
nA
µA
VCB = -30V
VCB = -30V, TA = 150°C
Gain Bandwidth Product
fT
100
MHz
VCE = -5.0V, IC = -10mA, f = 100MHz
Output Capacitance
COB
4.5
pF
VCB = -10V, f = 1.0MHz
Noise Figure
NF
10
dB
IC = -0.2mA, VCE = -5.0Vdc,
RS = 2.0KΩ, f = 1.0KHz, BW = 200Hz
Notes:
1. Package is non-polarized. Parts may be on reel in orientation illustrated, 180° rotated, or mixed (both ways).
2. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch; pad layout as shown on Diodes Inc. suggested pad layout document AP02001, which
can be found on our website at http://www.diodes.com/datasheets/ap02001.pdf.
3. No purposefully added lead.
4. Short duration pulse test used to minimize self-heating effect.
5. Diodes Inc.'s "Green" policy can be found on our website at http://www.diodes.com/products/lead_free/index.php.
6. Product manufactured with Date Code UO (week 40, 2007) and newer are built with Green Molding Compound. Product manufactured prior to Date Code
UO are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants.
Top View
Bottom View
Device Schematic (Note 1)
C
1
B2
E2
C2
E1
B
1
Please click here to visit our online spice models database.


Similar Part No. - BC857BV-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BC857BV-7 DIODES-BC857BV-7 Datasheet
355Kb / 3P
   PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30433 Rev. 3 - 2
More results

Similar Description - BC857BV-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MMDT4403 DIODES-MMDT4403_1 Datasheet
437Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 7 - 2
MMDT2907V DIODES-MMDT2907V Datasheet
152Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30564 Rev. 4 - 2
MMDT4403 DIODES-MMDT4403_15 Datasheet
177Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
BC857BV DIODES-BC857BV_15 Datasheet
352Kb / 5P
   PNP DUAL SMALL SIGNAL SURFACE MOUNT TRANSISTOR
MMDT4403 DIODES-MMDT4403_2 Datasheet
177Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30110 Rev. 10 - 2
DST857BDJ DIODES-DST857BDJ Datasheet
143Kb / 5P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS32037 Rev. 1 - 2
logo
Unisonic Technologies
MMDT3906 UTC-MMDT3906 Datasheet
121Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
logo
Diodes Incorporated
IMT4 DIODES-IMT4_1 Datasheet
455Kb / 4P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30303 Rev. 7 - 2
logo
Galaxy Semi-Conductor H...
MMDT3906 BILIN-MMDT3906 Datasheet
184Kb / 4P
   Dual PNP Small Signal Surface Mount Transistor
logo
Diodes Incorporated
BC587BS DIODES-BC587BS Datasheet
59Kb / 3P
   DUAL PNP SURFACE MOUNT SMALL SIGNAL TRANSISTOR
DS30373 Rev. 1 - 2
MMDT3906 DIODES-MMDT3906 Datasheet
59Kb / 3P
   DUAL PNP SMALL SIGNAL SURFACE MOUNT TRANSISTOR
DS30124 Rev. 5 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com