Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFLZ5V1 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DFLZ5V1
Description  1.0W SURFACE MOUNT POWER ZENER DIODE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLZ5V1 Datasheet(HTML) 3 Page - Diodes Incorporated

  DFLZ5V1 Datasheet HTML 1Page - Diodes Incorporated DFLZ5V1 Datasheet HTML 2Page - Diodes Incorporated DFLZ5V1 Datasheet HTML 3Page - Diodes Incorporated DFLZ5V1 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
DFLZ5V1 - DFLZ39
Document number: DS30464 Rev. 8 - 2
3 of 4
www.diodes.com
January 2009
© Diodes Incorporated
DFLZ5V1 - DFLZ39
PowerDI is a registered trademark of Diodes Incorporated.
100
1,000
10,000
10
100
1
V , NOMINAL ZENER VOLTAGE (V)
Fig. 3 Typical Total Capacitance vs. Nominal Zener Voltage
Z
f = 1MHz
T = 25°C
A
V = 1V
R
V = 2V
R
Ordering Information (Note 5)
Device
Packaging
Shipping
(Type Number)-7*
PowerDI
®123
3000/Tape & Reel
* Add “-7” to the appropriate type number in Electrical Characteristics Table. Example: 6.2V Zener = DFLZ6V2-7
Notes:
5.
For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
Date Code Key
Year
2004
2005
2006
2007
2008
2009
2010
2011
2012
Code
R
S
T
U
V
W
X
Y
Z
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D
Package Outline Dimensions
PowerDI
®123
Dim
Min
Max
Typ
A
3.50 3.90 3.70
B
2.60 3.00 2.80
C
1.63 1.93 1.78
D
0.93 1.00 0.98
E
0.85 1.25 1.00
H
0.15 0.25 0.20
L
0.55 0.75 0.65
L1
1.80 2.20 2.00
L2
0.95 1.25 1.10
All Dimensions in mm
Fxx = Product Type Marking Code
(See Electrical Characteristics Table)
YM = Date Code Marking
Y = Year (ex: R = 2004)
M = Month (ex: 9 = September)
Fxx
A
E
L
L1
B
C
E
L2
H
D


Similar Part No. - DFLZ5V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZ5V1 DIODES-DFLZ5V1 Datasheet
188Kb / 3P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
logo
Micro Commercial Compon...
DFLZ5V1 MCC-DFLZ5V1 Datasheet
366Kb / 4P
   1 Watt Zener Diode 5.1V - 100V Volts
logo
Diodes Incorporated
DFLZ5V1-7 DIODES-DFLZ5V1-7 Datasheet
188Kb / 3P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
DFLZ5V1Q DIODES-DFLZ5V1Q Datasheet
375Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DFLZ5V1Q-7 DIODES-DFLZ5V1Q-7 Datasheet
207Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE POWERDI짰123
More results

Similar Description - DFLZ5V1

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLZXXQ DIODES-DFLZXXQ_15 Datasheet
207Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DFLZ5V1 DIODES-DFLZ5V1 Datasheet
188Kb / 3P
   1.0W SURFACE MOUNT POWER ZENER DIODE
DS30464 Rev. 4 - 2
DFLZ5V1Q DIODES-DFLZ5V1Q_1 Datasheet
375Kb / 4P
   1.0W SURFACE MOUNT POWER ZENER DIODE
SMAZ36-13 DIODES-SMAZ36-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ39-13 DIODES-SMAZ39-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
SMAZ7V5-13 DIODES-SMAZ7V5-13 Datasheet
129Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Sangdest Microelectroni...
1SMA4741 SMC-1SMA4741 Datasheet
265Kb / 6P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Won-Top Electronics
1SMA4736A WTE-1SMA4736A Datasheet
96Kb / 5P
   1.0W SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
SMAZ5V1 DIODES-SMAZ5V1_1 Datasheet
90Kb / 4P
   1.0W SURFACE MOUNT ZENER DIODE
DS18015 Rev. 14 - 2
logo
Vishay Siliconix
SMAZ100 VISHAY-SMAZ100 Datasheet
171Kb / 3P
   1.0W SURFACE MOUNT ZENER DIODE
Rev.B
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com