Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS340 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # PDS340
Description  3A SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS340 Datasheet(HTML) 1 Page - Diodes Incorporated

  PDS340 Datasheet HTML 1Page - Diodes Incorporated PDS340 Datasheet HTML 2Page - Diodes Incorporated PDS340 Datasheet HTML 3Page - Diodes Incorporated PDS340 Datasheet HTML 4Page - Diodes Incorporated PDS340 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PDS340
Document number: DS30478 Rev. 8 - 2
1 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS340
PowerDI is a registered trademark of Diodes Incorporated.
3A SCHOTTKY BARRIER RECTIFIER
PowerDI
®5
Features
Guard Ring Die Construction for Transient Protection
Low Power Loss, High Efficiency
Low Forward Voltage Drop
Low Reverse Leakage Current
For Use in Low Voltage, High Frequency Inverters, Free
Wheeling, and Polarity Protection Applications
High Forward Surge Current Capability
Lead Free Finish, RoHS Compliant (Note 1)
"Green" Molding Compound (No Br, Sb)
Qualified to AEC-Q101 Standards for High Reliability
Mechanical Data
Case: PowerDI
®5
Case Material: Molded Plastic, “Green” Molding Compound. UL
Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals: Finish – Matte Tin annealed over Copper leadframe.
Solderable per MIL-STD-202, Method 208
Polarity: See Diagram
Weight: 0.093 grams (approximate)
Ordering Information (Note 2)
Part Number
Case
Packaging
PDS340-13
PowerDI
®5
5000/Tape & Reel
Notes:
1. EU Directive 2002/95/EC (RoHS). All applicable RoHS exemptions applied, see EU Directive 2002/95/EC Annex Notes.
2. For packaging details, go to our website at http://www.diodes.com.
Marking Information
Top View
Bottom View
LEFT PIN
RIGHT PIN
Note: Pins Left & Right must
be electrically connected
at the printed circuit board.
BOTTOMSIDE
HEAT SINK
S340 = Product type marking code
= Manufacturers’ code marking
YYWW = Date code marking
YY = Last digit of year (ex: 04 for 2004)
WW = Week code (01 - 53)
K = Factory Designator
YYWWK
S340


Similar Part No. - PDS340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS340 DIODES-PDS340 Datasheet
114Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30478 Rev. 4 - 2
logo
Linear Technology
PDS340 LINER-PDS340 Datasheet
293Kb / 24P
   42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
logo
Diodes Incorporated
PDS340-13 DIODES-PDS340-13 Datasheet
114Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30478 Rev. 4 - 2
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
PDS340Q-13 DIODES-PDS340Q-13 Datasheet
405Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - PDS340

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS340Q DIODES-PDS340Q Datasheet
405Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
logo
Unisonic Technologies
SB3U40 UTC-SB3U40 Datasheet
119Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
PDS360Q DIODES-PDS360Q Datasheet
232Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 February 2014
B3L30LP DIODES-B3L30LP Datasheet
84Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
DS30915 Rev. 2 - 2
B3L30LP DIODES-B3L30LP_09 Datasheet
92Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
PDS360 DIODES-PDS360 Datasheet
82Kb / 3P
   3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 7 - 2
B3L30LP DIODES-B3L30LP_15 Datasheet
253Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
PDS360 DIODES-PDS360_10 Datasheet
97Kb / 5P
   3A SCHOTTKY BARRIER RECTIFIER
DS30479 Rev. 10 - 2
logo
KODENSHI_AUK CORP.
SDB330 KODENSHI-SDB330 Datasheet
258Kb / 5P
   30V, 3A SCHOTTKY BARRIER RECTIFIER
SDB320-1 KODENSHI-SDB320-1 Datasheet
234Kb / 5P
   20V, 3A SCHOTTKY BARRIER RECTIFIER
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com