Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDS5100 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # PDS5100
Description  5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

PDS5100 Datasheet(HTML) 2 Page - Diodes Incorporated

  PDS5100 Datasheet HTML 1Page - Diodes Incorporated PDS5100 Datasheet HTML 2Page - Diodes Incorporated PDS5100 Datasheet HTML 3Page - Diodes Incorporated PDS5100 Datasheet HTML 4Page - Diodes Incorporated PDS5100 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
PDS5100
Document number: DS30483 Rev. 10 - 2
2 of 5
www.diodes.com
December 2010
© Diodes Incorporated
PDS5100
PowerDI is a registered trademark of Diodes Incorporated.
Maximum Ratings @TA = 25°C unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitance load, derate current by 20%.
Characteristic
Symbol
Value
Unit
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
100
V
RMS Reverse Voltage
VR(RMS)
71
V
Average Rectified Output Current (See also figure 5)
IO
5
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single half sine-wave Superimposed on Rated Load
IFSM
120
A
Thermal Characteristics
Characteristic
Symbol
Typ
Max
Unit
Thermal Resistance Junction to Soldering Point
RθJS
2.6
°C/W
Thermal Resistance Junction to Ambient Air (Note 3) TA = 25°C
RθJA
90
°C/W
Thermal Resistance Junction to Ambient Air (Note 4) TA = 25°C
RθJA
70
°C/W
Thermal Resistance Junction to Ambient Air (Note 5) TA = 25°C
RθJA
50
°C/W
Operating Temperature Range
TJ
-65 to +150
°C
Storage Temperature Range
TSTG
-65 to +175
°C
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
Reverse Breakdown Voltage (Note 6)
V(BR)R
100
V
IR = 200μA
Forward Voltage
VF
0.74
0.64
0.60
0.81
0.68
0.79
0.68
0.64
0.89
0.73
V
IF = 5A, TS = 25°C
IF = 5A, TS = 100°C
IF = 5A, TS = 125°C
IF = 10A, TS = 25°C
IF = 10A, TS = 125°C
Reverse Leakage Current (Note 6)
IR
0.002
0.5
2
0.2
5
20
mA
TS = 25°C, VR = 100V
TS = 100°C, VR = 100V
TS = 125°C, VR = 100V
Notes:
3. FR-4 PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com
4. Polymide PCB, 2 oz. Copper, minimum recommended pad layout per http://www.diodes.com.
5. Polymide PCB, 2 oz. Copper. Cathode pad dimensions 9.4mm x 7.2mm. Anode pad dimensions 2.7mm x 1.6mm.
6. Short duration pulse test used to minimize self-heating effect.


Similar Part No. - PDS5100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS5100 DIODES-PDS5100 Datasheet
112Kb / 3P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30483 Rev. 6 - 2
PDS5100-13 DIODES-PDS5100-13 Datasheet
112Kb / 3P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30483 Rev. 6 - 2
PDS5100H DIODES-PDS5100H Datasheet
97Kb / 3P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30471 Rev. 14 - 2
PDS5100H DIODES-PDS5100H Datasheet
489Kb / 4P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30471 Rev. 18 - 2
PDS5100H DIODES-PDS5100H Datasheet
99Kb / 5P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30471 Rev. 20 - 2
More results

Similar Description - PDS5100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PDS5100H DIODES-PDS5100H_10 Datasheet
99Kb / 5P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30471 Rev. 20 - 2
MBRM5100-13-F DIODES-MBRM5100-13-F Datasheet
105Kb / 3P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
PDS5100H DIODES-PDS5100H_1 Datasheet
489Kb / 4P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30471 Rev. 18 - 2
PDS5100 DIODES-PDS5100 Datasheet
112Kb / 3P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30483 Rev. 6 - 2
MBRM5100 DIODES-MBRM5100 Datasheet
76Kb / 3P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
DS30141 Rev. 2 - 2
PDS5100Q-13D DIODES-PDS5100Q-13D Datasheet
431Kb / 6P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER
June 2015
PDS5100Q DIODES-PDS5100Q_15 Datasheet
431Kb / 6P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
PDS5100H DIODES-PDS5100H_15 Datasheet
208Kb / 5P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰5
PDS5100 DIODES-PDS5100_15 Datasheet
369Kb / 6P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER POWERDI짰
PDS5100H DIODES-PDS5100H Datasheet
97Kb / 3P
   5A HIGH VOLTAGE SCHOTTKY BARRIER RECTIFIER PowerDI 5
DS30471 Rev. 14 - 2
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com