Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M80-4571898 Datasheet(PDF) 1 Page - Harwin Plc

Part # M80-4571898
Description  Datamate Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M80-4571898 Datasheet(HTML) 1 Page - Harwin Plc

  M80-4571898 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.harwin.com
30
All dimensions in mm.
WitH JaCKsCreWs
HoW to orDer
C
B
2.00
2.00
11.05
5.55
No.1 contact
A
C
B
2.00
No.1 contact
2.00
M2
11.05
3.00 A/F
5.55
Ø3.50
M2
2.00 A/F
M2
Ø4.00
M2
Ø1.40
Ø4.00
A
caLcULatioN
a
B + 12
B
Total No. of Contacts – 2
c
B + 7
HeX slotteD
HeX soCKet
reVerse FiX
guiDe Pin WitH
Panel Mount
m80 – 45X XX XX
hoUSiNGS
454 Without Jackscrews
457 Reverse Fix Jackscrews
455 Hex Slotted Jackscrews
458 Guide pin with panel mount
456 Hex Socket Jackscrews
459 101Lok jackscrews
FiNiSh
98
Housings
totaL No. oF coNtactS
06, 08, 10, 12, 14, 20, 26, 34, 42, 50
C
B
2.00
No.1 contact
2.00
M2
11.05
3.00 A/F
5.55
Ø3.50
M2
2.00 A/F
M2
Ø4.00
M2
Ø1.40
Ø4.00
A
C
B
2.00
No.1 contact
2.00
M2
11.05
3.00 A/F
5.55
Ø3.50
M2
2.00 A/F
M2
Ø4.00
M2
Ø1.40
Ø4.00
A
C
B
2.00
No.1 contact
2.00
M2
11.05
3.00 A/F
5.55
Ø3.50
M2
2.00 A/F
M2
Ø4.00
M2
Ø1.40
Ø4.00
A
C
B
2.00
No.1 contact
2.00
M2
11.05
3.00 A/F
5.55
Ø3.50
M2
2.00 A/F
M2
Ø4.00
M2
Ø1.40
Ø4.00
A
Ø3.00
10.50
C
B
2.00
2.00
11.05
5.55
No.1 contact
A
Datamate Connectors
Female Crimp trio-tek
Crimp inspection window in housing.
Mates with Male connectors shown on pages 34 to 43.
Contacts available separately, see page 16.
Triangular contact design for automated assembly equipment.
Ideal for volume applications.
WitHout JaCKsCreWs
Wire striPPing Details
Ø1.10 max.
3.00
2.50
tools
recommended crimp tool – Z80-255
contact removal tool – Z80-258
See page 78
instruction sheets available at www.harwin.com/downloads/instructions
SerieS coDe


Similar Part No. - M80-4571898

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-4540498 HARWIN-M80-4540498 Datasheet
93Kb / 1P
   DATAMATE TRIO-TEK FEMAL CRIMP HOUSING
M80-4540698 HARWIN-M80-4540698 Datasheet
93Kb / 1P
   DATAMATE TRIO-TEK FEMAL CRIMP HOUSING
M80-4540898 HARWIN-M80-4540898 Datasheet
93Kb / 1P
   DATAMATE TRIO-TEK FEMAL CRIMP HOUSING
M80-4541098 HARWIN-M80-4541098 Datasheet
93Kb / 1P
   DATAMATE TRIO-TEK FEMAL CRIMP HOUSING
M80-4541298 HARWIN-M80-4541298 Datasheet
93Kb / 1P
   DATAMATE TRIO-TEK FEMAL CRIMP HOUSING
More results

Similar Description - M80-4571898

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8673422 HARWIN-M80-8673422 Datasheet
3Mb / 1P
   Datamate Connectors
M80-8260422P HARWIN-M80-8260422P Datasheet
452Kb / 1P
   Datamate Connectors
M80-0110001 HARWIN-M80-0110001 Datasheet
389Kb / 1P
   Datamate Connectors
M80-8880201 HARWIN-M80-8880201 Datasheet
485Kb / 1P
   Datamate Connectors
M80-8430205 HARWIN-M80-8430205 Datasheet
628Kb / 1P
   Datamate Connectors
M80-8520205 HARWIN-M80-8520205 Datasheet
782Kb / 1P
   Datamate Connectors
M80-XXXXXXX HARWIN-M80-XXXXXXX Datasheet
411Kb / 1P
   Datamate Connectors
T5746 HARWIN-T5746 Datasheet
943Kb / 1P
   Datamate Tooling
M80-308 HARWIN-M80-308 Datasheet
78Kb / 1P
   DATAMATE MIX-TEK
M80-001 HARWIN-M80-001 Datasheet
47Kb / 1P
   DATAMATE LOCKING LATCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com