Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DPBT8105-7 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DPBT8105-7
Description  1A PNP SURFACE MOUNT TRANSISTOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DPBT8105-7 Datasheet(HTML) 2 Page - Diodes Incorporated

  DPBT8105-7 Datasheet HTML 1Page - Diodes Incorporated DPBT8105-7 Datasheet HTML 2Page - Diodes Incorporated DPBT8105-7 Datasheet HTML 3Page - Diodes Incorporated DPBT8105-7 Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Collector-Base Breakdown Voltage
V(BR)CBO
-80
V
IC = -100μA, IE = 0
Collector-Emitter Breakdown Voltage
V(BR)CEO
-60
V
IC = -10mA, IB = 0
Emitter-Base Breakdown Voltage
V(BR)EBO
-5
V
IE = -100μA, IC = 0
Collector Cutoff Current
ICBO
-100
nA
VCB = -60V, IE = 0
Collector Cutoff Current
ICES
-100
nA
VCES = -60V
Emitter Cutoff Current
IEBO
-100
nA
VEB = -4V, IC = 0
ON CHARACTERISTICS (Note 5)
DC Current Gain
hFE
100
100
80
30
300
V
IC = -1mA, VCE = -5V
IC = -500mA, VCE = -5V
IC = -1A, VCE = -5V
IC = -2A, VCE = -5V
Collector-Emitter Saturation Voltage
VCE(SAT)
-0.3
-0.6
V
IC = -500mA, IB = -50mA
IC = -1A, IB = -100mA
Base-Emitter Saturation Voltage
VBE(SAT)
-1.2
V
IC = -1A, IB = -100mA
Base-Emitter Turn On Voltage
VBE(ON)
-1.0
V
IC = -1A, VCE = -5V
SMALL SIGNAL CHARACTERISTICS
Output Capacitance
Cobo
12
pF
VCB = -10V, f = 1.0MHz
Current Gain-Bandwidth Product
fT
150
MHz
VCE = -10V, IC = -50mA, f = 100MHz
Notes:
5. Short duration pulse test used to minimize self-heating effect.
0
100
150
200
50
400
350
300
250
-1
-10
-1,000
-10,000
-100
I , COLLECTOR CURRENT (mA)
Fig. 2, DC Current Gain vs. Collector Current
C
0
100
25
50
75
100
125
150
175
200
T , AMBIENT TEMPERATURE (°C)
Fig. 1, Max Power Dissipation vs. Ambient Temperature
A
200
300
0
400
500
600
700
800
Note 1
DS30514 Rev. 8 - 2
2 of 4
www.diodes.com
DPBT8105
© Diodes Incorporated
0
-0.2
-0.4
-1.4
-1.2
-0.6
-0.8
-1
-1
-10
-100
-1,000
-10,000
I , COLLECTOR CURRENT (mA)
Fig. 3,
C
Base-Emitter Saturation Voltage vs. Collector Current
I , COLLECTOR CURRENT (mA)
Fig. 4, Collector-Emitter Saturation Voltage vs. Collector Current
C
-1
-10
-100
-1,000
0
-50
-100
-300
-350
-150
-200
-250


Similar Part No. - DPBT8105-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPBT8105-7 DIODES-DPBT8105-7 Datasheet
91Kb / 4P
   1A PNP SURFACE MOUNT TRANSISTOR
DS30514 Rev. 6 - 2
More results

Similar Description - DPBT8105-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DPBT8105 DIODES-DPBT8105 Datasheet
91Kb / 4P
   1A PNP SURFACE MOUNT TRANSISTOR
DS30514 Rev. 6 - 2
DPBT8105 DIODES-DPBT8105_15 Datasheet
104Kb / 5P
   1A PNP SURFACE MOUNT TRANSISTOR
MMBT123S DIODES-MMBT123S Datasheet
55Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 3 - 2
DNBT8105 DIODES-DNBT8105_09 Datasheet
92Kb / 4P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 9 - 2
DNBT8105 DIODES-DNBT8105 Datasheet
185Kb / 4P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30513 Rev. 7 - 2
MMBT123S DIODES-MMBT123S_2 Datasheet
114Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
Rev. 7 - 2
DNBT8105 DIODES-DNBT8105_11 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
DNBT8105 DIODES-DNBT8105_15 Datasheet
90Kb / 5P
   1A NPN SURFACE MOUNT TRANSISTOR
MMBT123S DIODES-MMBT123S_1 Datasheet
81Kb / 3P
   1A NPN SURFACE MOUNT TRANSISTOR
DS30292 Rev. 6 - 2
BC807-16W DIODES-BC807-16W Datasheet
363Kb / 3P
   PNP SURFACE MOUNT TRANSISTOR
DS30577 Rev. 5 - 2
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com