Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M80-8521622 Datasheet(PDF) 1 Page - Harwin Plc

Part # M80-8521622
Description  Datamate Connectors
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARWIN [Harwin Plc]
Direct Link  http://www.harwin.com
Logo HARWIN - Harwin Plc

M80-8521622 Datasheet(HTML) 1 Page - Harwin Plc

  M80-8521622 Datasheet HTML 1Page - Harwin Plc  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.harwin.com
21
All dimensions in mm.
rohS
Non-rohS
Single
Double
Single
Double
852
854
879
869
Unlatched (3mm tail)
882
853
877
867
Latched (3mm tail)
881
863
805
815
Friction latched (3mm tail)
752
754
752
754
Unlatched (4.5mm tail)
782
753
782
753
Latched (4.5mm tail)
781
763
781
763
Friction latch (4.5mm tail)
Datamate Connectors
Male Vertical PC tail
Polarised mouldings.
Fully shrouded contacts.
Mates with female connectors shown on pages 18 to 20.
For British Standard versions see pages 14 to 15.
Can be used with Strain Relief straps:
order code m80-0030006.
HoW to orDer
Tail
5.60
max.
3.50
max.
0.30
2.00
A max.
No. 1 contact
B
Ø0.50
A max.
No. 1 contact
5.50 max.
0.30
5.60 max.
Tail
2.00
2.00
Ø0.50
B
Friction lock or latch
(when fitted) adds
0.5mm to overall
length ‘A’
Friction lock or latch
(when fitted) adds
0.5mm to overall
length ‘A’
single roW
Double roW
2.00
4.75
Hole Ø0.80 max.
Strain relief strap holes (optional)
Ø0.90 min.
Ø Pad 1.50
4.75
2.00
Hole Ø0.80 max.
Ø Pad 1.50
0.50
Hole Ø0.80 max.
4.75
2.00
2.25
B
Strain relief strap holes (optional)
Ø0.90 min.
Hole
Ø0.80 max.
4.75
0.50
2.25
B
Strain relief strap holes
Ø0.90 min.
Strain relief strap holes
Ø0.90 min.
recommended PC board Pattern
FiNiSh
05
Gold
22
Gold + Tin/Lead
42
Gold + Tin
45
Gold
totaL No. oF coNtactS
Single Row
02 to 07, 17, 22
Double Row
04, 06, 08, 10, 12, 14, 16, 18, 20, 26, 34, 44
SerieS coDe
recommended PC board Pattern
2.00
4.75
Hole Ø0.80 max.
Strain relief strap holes (optional)
Ø0.90 min.
Ø Pad 1.50
4.75
2.00
Hole Ø0.80 max.
Ø Pad 1.50
0.50
Hole Ø0.80 max.
4.75
2.00
2.25
B
Strain relief strap holes (optional)
Ø0.90 min.
Hole
Ø0.80 max.
4.75
0.50
2.25
B
Strain relief strap holes
Ø0.90 min.
Strain relief strap holes
Ø0.90 min.
m80 – XXX XX XX
caLcULatioN
a
B + 5.60
B
Total No. of contacts – 2
caLcULatioN
a
B + 5.60
B
(Total No. of contacts – 1) x 2


Similar Part No. - M80-8521622

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8521722 HARWIN-M80-8521722 Datasheet
65Kb / 1P
   DATAMATE SIL VERTICAL PC TAIL PLUG ASSEMBLY
M80-8521742 HARWIN-M80-8521742 Datasheet
65Kb / 1P
   DATAMATE SIL VERTICAL PC TAIL PLUG ASSEMBLY
M80-8521745 HARWIN-M80-8521745 Datasheet
65Kb / 1P
   DATAMATE SIL VERTICAL PC TAIL PLUG ASSEMBLY
More results

Similar Description - M80-8521622

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
M80-8673422 HARWIN-M80-8673422 Datasheet
3Mb / 1P
   Datamate Connectors
M80-8260422P HARWIN-M80-8260422P Datasheet
452Kb / 1P
   Datamate Connectors
M80-4540698 HARWIN-M80-4540698 Datasheet
574Kb / 1P
   Datamate Connectors
M80-0110001 HARWIN-M80-0110001 Datasheet
389Kb / 1P
   Datamate Connectors
M80-8880201 HARWIN-M80-8880201 Datasheet
485Kb / 1P
   Datamate Connectors
M80-8430205 HARWIN-M80-8430205 Datasheet
628Kb / 1P
   Datamate Connectors
M80-XXXXXXX HARWIN-M80-XXXXXXX Datasheet
411Kb / 1P
   Datamate Connectors
T5746 HARWIN-T5746 Datasheet
943Kb / 1P
   Datamate Tooling
M80-308 HARWIN-M80-308 Datasheet
78Kb / 1P
   DATAMATE MIX-TEK
M80-001 HARWIN-M80-001 Datasheet
47Kb / 1P
   DATAMATE LOCKING LATCH
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com