Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BAS40V Datasheet(PDF) 2 Page - Diodes Incorporated

Part # BAS40V
Description  DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

BAS40V Datasheet(HTML) 2 Page - Diodes Incorporated

  BAS40V Datasheet HTML 1Page - Diodes Incorporated BAS40V Datasheet HTML 2Page - Diodes Incorporated BAS40V Datasheet HTML 3Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
BAS40V
0.01
0.1
1
0.001
0.0001
01
BAS40V
Document number: DS30561 Rev. 4 - 2
2 of 3
www.diodes.com
July 2008
© Diodes Incorporated
.0
0.1
1
10
100
1,000
10,000
0
10
20
30
40
V , INSTANTANEOUS REVERSE VOLTAGE (V)
Fig. 2 Typical Reverse Characteristics
R
0.6
0.8
0.4
0.2
V , INSTANTANEOUS FORWARD VOLTAGE (V)
Fig. 1 Typical Forward Characteristics
F
-50
050
100
250
200
150
50
100
0
T , AMBIENT TEMPERATURE ( C)
Fig. 4 Derating Curve - Total
A
°
0
1
3
2
0
10
20
40
30
V , DC REVERSE VOLTAGE (V)
Fig. 3 Total Capacitance vs. Reverse Voltage
R
150
Ordering Information (Note 5)
Part Number
Case
Packaging
BAS40V-7
SOT-563
3000/Tape & Reel
Notes:
5. For packaging details, go to our website at http://www.diodes.com/datasheets/ap02007.pdf.
Marking Information
KAN YM
KAN = Product Type Marking Code
YM = Date Code Marking
Y = Year (ex: R = 2004)
M = Month (ex: 9 = September)
Date Code Key
Year
2004
2005
2006
2007
2008
2009
2010
2011
2012
2013
2014
2015
Code
R
S
T
U
V
W
X
Y
Z
A
B
C
Month
Jan
Feb
Mar
Apr
May
Jun
Jul
Aug
Sep
Oct
Nov
Dec
Code
1
2
3
4
5
6
7
8
9
O
N
D


Similar Part No. - BAS40V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40V DIODES-BAS40V Datasheet
245Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 2 - 2
BAS40V DIODES-BAS40V Datasheet
71Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 3 - 2
logo
Micro Commercial Compon...
BAS40V MCC-BAS40V Datasheet
186Kb / 3P
   150mW Schottky Diodes
logo
Shenzhen Jin Yu Semicon...
BAS40V HTSEMI-BAS40V Datasheet
512Kb / 2P
   SCHOTTKY DIODE
logo
WILLAS ELECTRONIC CORP
BAS40V WILLAS-BAS40V Datasheet
452Kb / 3P
   Plastic-Encapsulate Diodes S CHOTTKY BARRIER DIODE
More results

Similar Description - BAS40V

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAS40V DIODES-BAS40V_15 Datasheet
259Kb / 5P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM20E40C DIODES-SDM20E40C_1 Datasheet
76Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. 6 - 2
BAT54DW DIODES-BAT54DW_1 Datasheet
364Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 8 - 2
SDM20N40A DIODES-SDM20N40A_15 Datasheet
80Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
SDM20E40C DIODES-SDM20E40C Datasheet
56Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30276 Rev. B-2
BAT54DW DIODES-BAT54DW Datasheet
44Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 3 - 2
BAS40V DIODES-BAS40V Datasheet
245Kb / 2P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30561 Rev. 2 - 2
SDM40E20L DIODES-SDM40E20L_08 Datasheet
123Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
Rev. 11 - 2 June 2008
BAT54DW DIODES-BAT54DW_08 Datasheet
122Kb / 3P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
DS30107 Rev. 11 - 2
SDM20E40C DIODES-SDM20E40C_15 Datasheet
91Kb / 4P
   DUAL SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com