Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN18401A Datasheet(PDF) 7 Page - Panasonic Semiconductor

Part # AN18401A
Description  Down Converter IC for GPS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AN18401A Datasheet(HTML) 7 Page - Panasonic Semiconductor

  AN18401A Datasheet HTML 1Page - Panasonic Semiconductor AN18401A Datasheet HTML 2Page - Panasonic Semiconductor AN18401A Datasheet HTML 3Page - Panasonic Semiconductor AN18401A Datasheet HTML 4Page - Panasonic Semiconductor AN18401A Datasheet HTML 5Page - Panasonic Semiconductor AN18401A Datasheet HTML 6Page - Panasonic Semiconductor AN18401A Datasheet HTML 7Page - Panasonic Semiconductor AN18401A Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
AN18401A
7
SDE00026AEB
Absolute Maximum Ratings
3.2
VCC
mA
60
ICC
Supply current
2
Note
Unit
Rating
Symbol
Parameter
A No.
*3
°C
−55 to +150
Tstg
Storage temperature
5
*3
°C
−40 to +85
Topr
Operating ambient temperature
4
*2
mW
182
PD
Power dissipation
3
*1
V
Supply voltage
1
2.7 to 3.15
VCC
*
V
Supply voltage range
Note
Unit
Range
Symbol
Parameter
Operating Supply Voltage Range
Note) *1: The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.
*2: The power dissipation shown is the value at T
a = 85°C for the independent (unmounted) IC package.
*3: Except for the power dissipation, operating ambient temperature, and storage temperature, all ratings are for T
a = 25°C.
Note) *: The values under the condition not exceeding the above absolute maximum ratings and the power dissipation.


Similar Part No. - AN18401A

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1842 STMICROELECTRONICS-AN1842 Datasheet
823Kb / 17P
   60W WIDE-RANGE POWER SUPPLY
More results

Similar Description - AN18401A

ManufacturerPart #DatasheetDescription
logo
Sony Corporation
CXA3355AER SONY-CXA3355AER Datasheet
410Kb / 29P
   GPS Down Converter IC
CXA3355ER SONY-CXA3355ER Datasheet
295Kb / 28P
   GPS Down Converter IC
CXA3355TQ SONY-CXA3355TQ Datasheet
258Kb / 21P
   GPS Down Converter IC
CXA1951AQ SONY-CXA1951AQ Datasheet
364Kb / 16P
   GPS Down Converter
CXA1951Q SONY-CXA1951Q Datasheet
189Kb / 6P
   GPS Down Converter
logo
Toshiba Semiconductor
TA4301F TOSHIBA-TA4301F Datasheet
221Kb / 8P
   DOWN CONVERTER FOR BS TUNER IC
logo
Sanyo Semicon Device
LA8153LF SANYO-LA8153LF Datasheet
176Kb / 7P
   Down Converter IC
logo
ON Semiconductor
LA8153QA ONSEMI-LA8153QA Datasheet
132Kb / 7P
   Down Converter IC
February, 2014
logo
Sanyo Semicon Device
LA7784FN SANYO-LA7784FN Datasheet
255Kb / 8P
   For Digital CATV Down Converter IC
logo
Toshiba Semiconductor
TA4303F TOSHIBA-TA4303F_07 Datasheet
573Kb / 10P
   Down Converter for BS/CS Tuner IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com