Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DFLT5V0A Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DFLT5V0A
Description  225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DFLT5V0A Datasheet(HTML) 2 Page - Diodes Incorporated

  DFLT5V0A_09 Datasheet HTML 1Page - Diodes Incorporated DFLT5V0A_09 Datasheet HTML 2Page - Diodes Incorporated DFLT5V0A_09 Datasheet HTML 3Page - Diodes Incorporated DFLT5V0A_09 Datasheet HTML 4Page - Diodes Incorporated DFLT5V0A_09 Datasheet HTML 5Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
DFLT5V0A - DFLT51A
Document number: DS30581 Rev. 6 - 2
2 of 5
www.diodes.com
April 2009
© Diodes Incorporated
DFLT5V0A - DFLT51A
PowerDI is a registered trademark of Diodes Incorporated.
Electrical Characteristics @TA = 25°C unless otherwise specified
Part Number
Reverse
Standoff
Voltage
Breakdown
Voltage
VBR @ IT (Note 7)
Test
Current
Max. Reverse
Leakage @ VRWM
Max. Clamping
Voltage @ Ipp
Max. Peak
Pulse Current
Ipp
Marking
Code
VRWM (V)
Min (V)
Max (V)
IT (mA)
IR (μA)
VC (V)
(A)
DFLT5V0A
5.0
6.40
7.0
10
400
9.2
24.5
FAE
DFLT6V0A
6.0
6.67
7.37
10
400
10.3
21.8
FAG
DFLT6V5A
6.5
7.22
7.98
10
250
11.2
20.1
FAK
DFLT7V0A
7.0
7.78
8.60
10
100
12.0
18.8
FAM
DFLT7V5A
7.5
8.33
9.21
1.0
50
12.9
17.4
FAP
DFLT8V0A
8.0
8.89
9.83
1.0
25
13.6
16.5
FAR
DFLT8V5A
8.5
9.44
10.4
1.0
10
14.4
15.6
FAT
DFLT9V0A
9.0
10.0
11.1
1.0
5.0
15.4
14.6
FAV
DFLT10A
10
11.1
12.3
1.0
2.5
17.0
13.2
FAX
DFLT11A
11
12.2
13.5
1.0
2.5
18.2
12.4
FAZ
DFLT12A
12
13.3
14.7
1.0
2.5
19.9
11.3
FBE
DFLT13A
13
14.4
15.9
1.0
1.0
21.5
10.5
FBG
DFLT14A
14
15.6
17.2
1.0
1.0
23.2
9.7
FBK
DFLT15A
15
16.7
18.5
1.0
1.0
24.4
9.22
FBM
DFLT16A
16
17.8
19.7
1.0
1.0
26.0
8.65
FBP
DFLT17A
17
18.9
20.9
1.0
1.0
27.6
8.15
FBR
DFLT18A
18
20.0
22.1
1.0
1.0
29.2
7.71
FBT
DFLT20A
20
22.2
24.5
1.0
1.0
32.4
6.94
FBV
DFLT22A
22
24.4
26.9
1.0
1.0
35.5
6.34
FBX
DFLT24A
24
26.7
29.5
1.0
1.0
38.9
5.78
FBZ
DFLT26A
26
28.9
31.9
1.0
1.0
42.1
5.35
FCE
DFLT27A
27
30
33.15
1.0
1.0
43.7
5.15
FCF
DFLT28A
28
31.1
34.4
1.0
1.0
45.4
4.96
FCG
DFLT30A
30
33.3
36.8
1.0
1.0
48.4
4.65
FCK
DFLT33A
33
36.7
40.6
1.0
1.0
53.3
4.22
FCM
DFLT36A
36
40.0
44.2
1.0
1.0
58.1
3.87
FCP
DFLT40A
40
44.4
49.1
1.0
1.0
64.5
3.49
FCR
DFLT43A
43
47.8
52.8
1.0
1.0
69.4
3.24
FCT
DFLT45A
45
50.0
55.3
1.0
1.0
72.7
3.10
FCV
DFLT48A
48
53.3
58.9
1.0
1.0
77.4
2.91
FCX
DFLT51A
51
56.7
62.7
1.0
1.0
82.4
2.73
FCZ
Notes:
7. VBR measured at pulse test current IT with tp ≤5.0ms at TA = 25°C.
0
25
50
75
100
125
150
175 200
100
75
50
25
0
T , AMBIENT TEMPERATURE ( C)
Fig. 1 Pulse Derating Curve
A
°
0
1
2
3
Peak Value I
pp
Half Value I /2
pp
10 X 1000 Waveform
as defined by R.E.A.
t
p
t, TIME (ms)
Fig. 2 Pulse Waveform


Similar Part No. - DFLT5V0A_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLT5V0A-7 DIODES-DFLT5V0A-7 Datasheet
83Kb / 4P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30581 Rev. 3 - 2
DFLT5V0AQ DIODES-DFLT5V0AQ Datasheet
192Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR PowerDI
DFLT5V0A DIODES-DFLT5V0A_17 Datasheet
212Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWERDI
More results

Similar Description - DFLT5V0A_09

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DFLT5V0A DIODES-DFLT5V0A Datasheet
83Kb / 4P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
DS30581 Rev. 3 - 2
DPD13AWF DIODES-DPD13AWF Datasheet
432Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
D5V0AP2WF DIODES-D5V0AP2WF Datasheet
339Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D3V3AP2WF DIODES-D3V3AP2WF Datasheet
335Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
December 2019 Rev. 1 - 2
D13AP2WF DIODES-D13AP2WF Datasheet
290Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
April 2019 Rev. 2 - 2
D18AP2WF DIODES-D18AP2WF Datasheet
383Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
July 2021 Rev. 1 - 2
DFLT5V0A DIODES-DFLT5V0A_17 Datasheet
212Kb / 5P
   225W SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWERDI
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com